Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 83Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 84Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 85Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 86Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 87Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 88Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 89Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 90Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
87
10. Flash Memory
On-chip, reprogrammable Flash memory is included for program code and non-volatile data storage. The
Flash memory can be programmed in-system, a single byte at a time, through the C2 interface or by soft-
ware using the MOVX instruction. Once cleared to logic 0, a Flash bit must be erased to set it back to logic
1. Flash bytes would typically be erased (set to 0xFF) before being reprogrammed. The write and erase
operations are automatically timed by hardware for proper execution; data polling to determine the end of
the write/erase operation is not required. Code execution is stalled during a Flash write/erase operation.
Refer to Table 10.1 for complete Flash memory electrical characteristics.
10.1. Programming The Flash Memory
The simplest means of programming the Flash memory is through the C2 interface using programming
tools provided by Silicon Labs or a third party vendor. This is the only means for programming a non-initial-
ized device. For details on the C2 commands to program Flash memory, see Section “17. C2 Interface”
on page 169.
To ensure the integrity of Flash contents, it is strongly recommended that the on-chip VDD Monitor
be enabled in any system that includes code that writes and/or erases Flash memory from soft-
ware.
10.1.1. Flash Lock and Key Functions
Flash writes and erases by user software are protected with a lock and key function; Flash reads by user
software are unrestricted. The Flash Lock and Key Register (FLKEY) must be written with the correct key
codes, in sequence, before Flash operations may be performed. The key codes are: 0xA5, 0xF1. The tim-
ing does not matter, but the codes must be written in order. If the key codes are written out of order, or the
wrong codes are written, Flash writes and erases will be disabled until the next system reset. Flash writes
and erases will also be disabled if a Flash write or erase is attempted before the key codes have been writ-
ten properly. The Flash lock resets after each write or erase; the key codes must be written again before a
following Flash operation can be performed. The FLKEY register is detailed in SFR Definition 10.2.
10.1.2. Flash Erase Procedure
The Flash memory can be programmed by software using the MOVX instruction with the address and data
byte to be programmed provided as normal operands. Before writing to Flash memory using MOVX, Flash
write operations must be enabled by: (1) setting the PSWE Program Store Write Enable bit (PSCTL.0) to
logic 1 (this directs the MOVX writes to target Flash memory); and (2) Writing the Flash key codes in
sequence to the Flash Lock register (FLKEY). The PSWE bit remains set until cleared by software.
A write to Flash memory can clear bits but cannot set them; only an erase operation can set bits in Flash.
A byte location to be programmed should be erased before a new value is written. The 8k byte Flash
memory is organized in 512-byte pages. The erase operation applies to an entire page (setting all bytes in
the page to 0xFF). To erase an entire 512-byte page, perform the following steps:
Step 1. Disable interrupts (recommended).
Step 2. Set the Program Store Erase Enable bit (PSEE in the PSCTL register).
Step 3. Set the Program Store Write Enable bit (PSWE in the PSCTL register).
Step 4. Write the first key code to FLKEY: 0xA5.
Step 5. Write the second key code to FLKEY: 0xF1.
Step 6. Using the MOVX instruction, write a data byte to any location within the 512-byte page to
be erased.


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com