Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 93 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 93 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 89Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 90Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 91Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 92Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 93Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 94Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 95Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 96Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 97Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
93
11. Oscillators
C8051F300/1/2/3/4/5 devices include a programmable internal oscillator and an external oscillator drive
circuit. The internal oscillator can be enabled/disabled and calibrated using the OSCICN and OSCICL reg-
isters, as shown in Figure 11.1. The system clock can be sourced by the external oscillator circuit, the
internal oscillator, or a scaled version of the internal oscillator. The internal oscillator's electrical specifica-
tions are given in Table 11.1 on page 95.
Figure 11.1. Oscillator Diagram
11.1. Programmable Internal Oscillator
All C8051F300/1/2/3/4/5 devices include a programmable internal oscillator that defaults as the system
clock after a system reset. The internal oscillator period can be adjusted via the OSCICL register as
defined by SFR Definition 11.1. On C8051F300/1 devices, OSCICL is factory calibrated to obtain a
24.5 MHz frequency. On C8051F302/3/4/5 devices, the oscillator frequency is a nominal 20 MHz and may
vary ±20% from device-to-device.
Electrical specifications for the precision internal oscillator are given in Table 11.1 on page 95. The pro-
grammed internal oscillator frequency must not exceed 25 MHz. Note that the system clock may be
derived from the programmed internal oscillator divided by 1, 2, 4, or 8, as defined by the IFCN bits in reg-
ister OSCICN. The divide value defaults to 8 following a reset.
OSC
Programmable
Internal Clock
Generator
Input
Circuit
EN
SYSCLK
n
OSCICL
OSCICN
XTAL1
XTAL2
Option 2
VDD
XTAL2
Option 1
10M
Option 3
XTAL2
Option 4
XTAL2
OSCXCN


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com