Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 96Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 97Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 98Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 99Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 100Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 101Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 102Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 103Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 174 page
background image
C8051F300/1/2/3/4/5
100
Rev. 2.6
12.1. Priority Crossbar Decoder
The Priority Crossbar Decoder (Figure 12.3) assigns a priority to each I/O function, starting at the top with
UART0. When a digital resource is selected, the least significant unassigned Port pin is assigned to that
resource (excluding UART0, which is always at pins 4 and 5). If a Port pin is assigned, the Crossbar skips
that pin when assigning the next selected resource. Additionally, the Crossbar will skip Port pins whose
associated bits in the XBR0 register are set. The XBR0 register allows software to skip Port pins that are to
be used for analog input or GPIO.
Important Note on Crossbar Configuration: If a Port pin is claimed by a peripheral without use of the
Crossbar, its corresponding XBR0 bit should be set. This applies to P0.0 if VREF is enabled, P0.3 and/or
P0.2 if the external oscillator circuit is enabled, P0.6 if the ADC is configured to use the external conversion
start signal (CNVSTR), and any selected ADC or Comparator inputs. The Crossbar skips selected pins as
if they were already assigned, and moves to the next unassigned pin. Figure 12.3 shows the Crossbar
Decoder priority with no Port pins skipped (XBR0 = 0x00); Figure 12.4 shows the Crossbar Decoder prior-
ity with pins 6 and 2 skipped (XBR0 = 0x44).
Figure 12.3. Crossbar Priority Decoder with XBR0 = 0x00
VREF
x1
x2
CNVSTR
01
2345
67
00
0000
00
CEX2
CP0A
SYSCLK
CEX0
CEX1
SF Signals
PIN I/O
TX0
RX0
SDA
SCL
P0
CP0
Port pin potentially available to peripheral
SF Signals
ECI
T0
T1
XBR0[0:7]
Special Function Signals are not assigned by the crossbar.
When these signals are enabled, the CrossBar must be
manually configured to skip their corresponding port pins.
Note: x1 refers to the XTAL1 signal; x2 refers to the XTAL2
signal.


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com