Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C8051F300 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # C8051F300
Description  Mixed Signal ISP Flash MCU Family
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

C8051F300 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button C8051F300 Datasheet HTML 11Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 12Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 13Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 14Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 15Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 16Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 17Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 18Page - List of Unclassifed Manufacturers C8051F300 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 174 page
background image
C8051F300/1/2/3/4/5
Rev. 2.6
15
1. System Overview
C8051F300/1/2/3/4/5 devices are fully integrated mixed-signal system-on-a-chip MCUs. Highlighted fea-
tures are listed below. Refer to Table 1.1 on page 16 for specific product feature selection.
High-speed pipelined 8051-compatible microcontroller core (up to 25 MIPS)
In-system, full-speed, non-intrusive debug interface (on-chip)
True 8-bit 500 ksps 11-channel ADC with programmable gain pre-amplifier and analog multiplexer
(C8051F300/2 only)
Precision programmable 25 MHz internal oscillator
Up to 8 kB of on-chip Flash memory
256 bytes of on-chip RAM
SMBus/I2C and Enhanced UART serial interfaces implemented in hardware
Three general-purpose 16-bit timers
Programmable counter/timer array (PCA) with three capture/compare modules and watchdog timer
function
On-chip power-on reset, VDD monitor, and temperature sensor
On-chip voltage comparator
Byte-wide I/O port (5 V tolerant)
With on-chip Power-On Reset, VDD monitor, Watchdog Timer, and clock oscillator, the
C8051F300/1/2/3/4/5 devices are truly stand-alone System-on-a-Chip solutions. The Flash memory can
be reprogrammed even in-circuit, providing non-volatile data storage, and also allowing field upgrades of
the 8051 firmware. User software has complete control of all peripherals, and may individually shut down
any or all peripherals for power savings.
The on-chip Silicon Laboratories 2-Wire (C2) Development Interface allows non-intrusive (uses no on-chip
resources), full speed, in-circuit debugging using the production MCU installed in the final application. This
debug logic supports inspection and modification of memory and registers, setting breakpoints, single
stepping, run and halt commands. All analog and digital peripherals are fully functional while debugging
using C2. The two C2 interface pins can be shared with user functions, allowing in-system debugging with-
out occupying package pins.
Each device is specified for 2.7 to 3.6 V operation over the industrial temperature range (–45 to +85 °C).
The Port I/O and /RST pins are tolerant of input signals up to 5 V. The C8051F300/1/2/3/4/5 are available
in the 11-pin QFN package (also referred to as MLP or MLF package) shown in Figure 4.2.


Similar Part No. - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F300-GDI SILABS-C8051F300-GDI Datasheet
210Kb / 9P
8 kB Flash, 8-Bit ADC MCU Die in Wafer Form
C8051F300-GM SILABS-C8051F300-GM Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300-GS SILABS-C8051F300-GS Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300_08 Datasheet
976Kb / 179P
Mixed Signal ISP Flash MCU Family
More results

Similar Description - C8051F300

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F80X SILABS-C8051F80X Datasheet
1Mb / 250P
Mixed Signal ISP Flash MCU Family
C8051F80X SILABS-C8051F80X_14 Datasheet
1Mb / 251P
Mixed Signal ISP Flash MCU Family
C8051F040-GQR SILABS-C8051F040-GQR Datasheet
2Mb / 328P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X Datasheet
3Mb / 276P
Mixed Signal ISP Flash MCU Family
C8051F120 SILABS-C8051F120 Datasheet
2Mb / 356P
Mixed Signal ISP Flash MCU Family
C8051F300 SILABS-C8051F300 Datasheet
1Mb / 176P
Mixed Signal ISP Flash MCU Family
C8051F70X SILABS-C8051F70X Datasheet
1Mb / 290P
Mixed Signal ISP Flash MCU Family
C8051F50X SILABS-C8051F50X Datasheet
2Mb / 312P
Mixed Signal ISP Flash MCU Family
C8051F54X SILABS-C8051F54X_14 Datasheet
1Mb / 275P
Mixed Signal ISP Flash MCU Family
C8051F124-GQR SILABS-C8051F124-GQR Datasheet
1Mb / 350P
Mixed Signal ISP Flash MCU Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com