Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906242 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2906242
Description  Voltage measuring transducers - MACX MCR-VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906242 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2906242 Datasheet HTML 1Page - PHOENIX CONTACT 2906242 Datasheet HTML 2Page - PHOENIX CONTACT 2906242 Datasheet HTML 3Page - PHOENIX CONTACT 2906242 Datasheet HTML 4Page - PHOENIX CONTACT 2906242 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2906242
10/16/2018   Page 4 / 5
Voltage measuring transducers - MACX MCR-VDC - 2906242
Block diagram
550 V
370 V
250 V
170 V
120 V
80 V
54 V
36 V
24 V
N
+
+
+
+
-
-
-
-
+
+
+
+
+
-
-
-
-
-
4.4
4.3
4.2
4.1
5.4
5.3
5.2
5.1
3.4
3.2
3.3
3.1
1.4
1.3
OUT I
OUT U
GND
I
GND
U
+24 VDC
GND
IN
OUT
Approvals
Approvals
Approvals
UL Listed / cUL Listed / EAC / cULus Listed
Ex Approvals
Approval details
UL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm
 FILE E 330267
cUL Listed 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  FILEE330267
EAC 
 
 RU C-
DE.A*30.B.01082
cULus Listed 
 
 


Similar Part No. - 2906242

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906240 PHOENIX-2906240 Datasheet
55Kb / 2P
Covering hood - BRIDGE COVER
2906243 PHOENIX-2906243 Datasheet
78Kb / 5P
Voltage measuring transducers - MACX MCR-VDC-PT
2906244 PHOENIX-2906244 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC-PT
02/04/2022
More results

Similar Description - 2906242

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906243 PHOENIX-2906243 Datasheet
78Kb / 5P
Voltage measuring transducers - MACX MCR-VDC-PT
2906239 PHOENIX-2906239 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC
02/04/2022
2906244 PHOENIX-2906244 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC-PT
02/04/2022
2810638 PHOENIX-2810638 Datasheet
81Kb / 5P
Current transducers - MACX MCR-SL-CAC-12-I-UP
2924320 PHOENIX-2924320 Datasheet
84Kb / 6P
Temperature measuring transducer - MACX MCR-SL-RTD-I-SPNC
2924346 PHOENIX-2924346 Datasheet
84Kb / 6P
Temperature measuring transducer - MACX MCR-SL-TC-I-NC
2905680 PHOENIX-2905680 Datasheet
59Kb / 3P
Plug - MACX MCR-I20
103618 PHOENIX-103618 Datasheet
350Kb / 6P
MACX MCR-PTB(-SP)
103246 PHOENIX-103246 Datasheet
778Kb / 15P
MACX MCR-S-MUX
2924993 PHOENIX-2924993 Datasheet
58Kb / 2P
Plug - MACX MCR-CJC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com