Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906242 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2906242
Description  Voltage measuring transducers - MACX MCR-VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906242 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2906242 Datasheet HTML 1Page - PHOENIX CONTACT 2906242 Datasheet HTML 2Page - PHOENIX CONTACT 2906242 Datasheet HTML 3Page - PHOENIX CONTACT 2906242 Datasheet HTML 4Page - PHOENIX CONTACT 2906242 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2906242
10/16/2018   Page 1 / 5
Voltage measuring transducers - MACX MCR-VDC - 2906242
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
MACX MCR voltage transducers for DC voltages of 0... (+/-) 20 V DC to 0.. .(+/-) 660 V DC, output signal (+/-)
10 V/ (+/-)20 mA
Your advantages
 Adjustable voltage ranges
 Bidirectional output signals
 3-way isolation
 ZERO/SPAN adjustment ±20%
 Tool-free parameterization of measured values
 Teach-in configuration of the measured value range
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626050928
Technical data
Note
Utilization restriction
EMC: class A product, see manufacturer's declaration in the download
area
Dimensions
Width
22.5 mm
Height
99 mm
Depth
114.5 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-40 °C ... 85 °C (non-condensing)
Maximum altitude
≤ 2000 m


Similar Part No. - 2906242

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906240 PHOENIX-2906240 Datasheet
55Kb / 2P
Covering hood - BRIDGE COVER
2906243 PHOENIX-2906243 Datasheet
78Kb / 5P
Voltage measuring transducers - MACX MCR-VDC-PT
2906244 PHOENIX-2906244 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC-PT
02/04/2022
More results

Similar Description - 2906242

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906243 PHOENIX-2906243 Datasheet
78Kb / 5P
Voltage measuring transducers - MACX MCR-VDC-PT
2906239 PHOENIX-2906239 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC
02/04/2022
2906244 PHOENIX-2906244 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC-PT
02/04/2022
2810638 PHOENIX-2810638 Datasheet
81Kb / 5P
Current transducers - MACX MCR-SL-CAC-12-I-UP
2924320 PHOENIX-2924320 Datasheet
84Kb / 6P
Temperature measuring transducer - MACX MCR-SL-RTD-I-SPNC
2924346 PHOENIX-2924346 Datasheet
84Kb / 6P
Temperature measuring transducer - MACX MCR-SL-TC-I-NC
2905680 PHOENIX-2905680 Datasheet
59Kb / 3P
Plug - MACX MCR-I20
103618 PHOENIX-103618 Datasheet
350Kb / 6P
MACX MCR-PTB(-SP)
103246 PHOENIX-103246 Datasheet
778Kb / 15P
MACX MCR-S-MUX
2924993 PHOENIX-2924993 Datasheet
58Kb / 2P
Plug - MACX MCR-CJC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com