Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2906243 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2906243
Description  Voltage measuring transducers - MACX MCR-VDC-PT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2906243 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2906243 Datasheet HTML 1Page - PHOENIX CONTACT 2906243 Datasheet HTML 2Page - PHOENIX CONTACT 2906243 Datasheet HTML 3Page - PHOENIX CONTACT 2906243 Datasheet HTML 4Page - PHOENIX CONTACT 2906243 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/pi/products/2906243
10/16/2018   Page 2 / 5
Voltage measuring transducers - MACX MCR-VDC-PT - 2906243
Technical data
Input data
Input voltage range
-550 V DC ... 550 V DC
Input resistance
5500 kΩ
Input voltage range
-370 V DC ... 370 V DC
Input resistance
3700 kΩ
Input voltage range
-250 V DC ... 250 V DC
Input resistance
2500 kΩ
Input voltage range
-170 V DC ... 170 V DC
Input resistance
1700 kΩ
Input voltage range
-120 V DC ... 120 V DC
Input resistance
1200 kΩ
Input voltage range
-80 V DC ... 80 V DC
Input resistance
800 kΩ
Input voltage range
-54 V DC ... 54 V DC
Input resistance
800 kΩ
Input voltage range
-36 V DC ... 36 V DC
Input resistance
800 kΩ
Input voltage range
-24 V DC ... 24 V DC
Input resistance
240 kΩ
Nom. voltage
± 660 V DC
Output data
Output name
Voltage output
Voltage output signal
-10 V ... 10 V
Max. output voltage
≤ 11 V
Load/output load voltage output
> 10 kΩ
Ripple
50 mV
Output name
Current output
Current output signal
-20 mA ... 20 mA
Max. output current
≤ 22 mA
Load/output load current output
< 500 Ω
Power supply
Nominal supply voltage
24 V DC (-20 % ... +25 %)
Supply voltage range
19.2 V DC ... 30 V DC
Max. current consumption
< 60 mA
Connection data
Connection method
Plug-in push-in spring-cage connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
2.5 mm²
Conductor cross section AWG min.
24
Conductor cross section AWG max.
14


Similar Part No. - 2906243

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906240 PHOENIX-2906240 Datasheet
55Kb / 2P
Covering hood - BRIDGE COVER
2906242 PHOENIX-2906242 Datasheet
78Kb / 5P
Voltage measuring transducers - MACX MCR-VDC
2906244 PHOENIX-2906244 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC-PT
02/04/2022
More results

Similar Description - 2906243

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2906244 PHOENIX-2906244 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC-PT
02/04/2022
2906242 PHOENIX-2906242 Datasheet
78Kb / 5P
Voltage measuring transducers - MACX MCR-VDC
2906239 PHOENIX-2906239 Datasheet
260Kb / 5P
Voltage measuring transducers - MACX MCR-VAC
02/04/2022
2810638 PHOENIX-2810638 Datasheet
81Kb / 5P
Current transducers - MACX MCR-SL-CAC-12-I-UP
2924320 PHOENIX-2924320 Datasheet
84Kb / 6P
Temperature measuring transducer - MACX MCR-SL-RTD-I-SPNC
2924346 PHOENIX-2924346 Datasheet
84Kb / 6P
Temperature measuring transducer - MACX MCR-SL-TC-I-NC
2905680 PHOENIX-2905680 Datasheet
59Kb / 3P
Plug - MACX MCR-I20
103618 PHOENIX-103618 Datasheet
350Kb / 6P
MACX MCR-PTB(-SP)
103246 PHOENIX-103246 Datasheet
778Kb / 15P
MACX MCR-S-MUX
2924993 PHOENIX-2924993 Datasheet
58Kb / 2P
Plug - MACX MCR-CJC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com