Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM652X Datasheet(PDF) 267 Page - Texas Instruments

Part # AM652X
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM652X Datasheet(HTML) 267 Page - Texas Instruments

Back Button AM652X Datasheet HTML 263Page - Texas Instruments AM652X Datasheet HTML 264Page - Texas Instruments AM652X Datasheet HTML 265Page - Texas Instruments AM652X Datasheet HTML 266Page - Texas Instruments AM652X Datasheet HTML 267Page - Texas Instruments AM652X Datasheet HTML 268Page - Texas Instruments AM652X Datasheet HTML 269Page - Texas Instruments AM652X Datasheet HTML 270Page - Texas Instruments AM652X Datasheet HTML 271Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 299 page
background image
267
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
General Purpose Output register of the HBMC is not used
For more information, see section Hyperbus Interface in chapter Peripherals of the device TRM.
6.11.15 I2C
The device contains six multimaster inter-integrated circuit (I2C) controllers each of which provides an
interface between a local host (LH), such as an Arm and any I2C-bus-compatible device that connects via
the I2C serial bus. External components attached to the I2C bus can serially transmit and receive up to 8
bits of data to and from the LH device through the 2-wire I2C interface.
Each multimaster I2C module can be configured to act like a slave or master I2C-compatible device.
WKUP_I2C0 and MCU_I2C0 controllers have dedicated I2C compliant open drain buffers, and support
Fast mode (up to 400 Kbps). I2C0, I2C1, I2C2, and I2C3 controllers are multiplexed with standard
LVCMOS I/O and connected to emulate open drain. I2C emulation is achieved by configuring the
LVCMOS buffers to output Hi-Z instead of driving high when transmitting logic 1. For the specific I/O
timing characteristics of the different I2C instances, see Section 5.11.5.12, I2C.
The multimaster I2C module has the following features:
•
Compliant with Philips I2C-bus specification version 2.1
•
Supports a standard mode (up to 100 Kbps) and fast mode (up to 400 Kbps)
•
7-bit and 10-bit device addressing modes
•
General call
•
Start/Restart/Stop
•
Multimaster transmitter/slave receiver mode
•
Multimaster receiver/slave transmitter mode
•
Built-in configurable FIFOs (8, 16, 32, 64 bytes) for buffered read or write
•
Module enable/disable capability
•
Programmable multislave channel (responds to four separate addresses)
•
Programmable clock generation
•
8-bit-wide data access
•
Designed for low power consumption
•
Implement Auto Idle mechanism
•
Implement Idle Request/Idle Acknowledge handshake mechanism
•
Support for asynchronous wakeup mechanism
•
Wide interrupt capability
I2C Not Supported Features:
•
Serial Camera Control Bus (SCCB) Protocol
•
High-Speed (HS) Mode
•
DMA Mode
•
Full I2C electrical compliance only for MAIN domain I2C modules
For more information, see section Inter-Integrated Circuit (I2C) Interface in chapter Peripherals of the
device TRM.
6.11.16 MCAN
The Controller Area Network (CAN) is a serial communications protocol which efficiently supports
distributed real-time control with a high level of security. CAN has high immunity to electrical interference
and the ability to self-diagnose and repair data errors. In a CAN network, many short messages are
broadcast to the entire network, which provides for data consistency in every node of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com