Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6528 Datasheet(PDF) 239 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 239 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 235Page - Texas Instruments AM6528 Datasheet HTML 236Page - Texas Instruments AM6528 Datasheet HTML 237Page - Texas Instruments AM6528 Datasheet HTML 238Page - Texas Instruments AM6528 Datasheet HTML 239Page - Texas Instruments AM6528 Datasheet HTML 240Page - Texas Instruments AM6528 Datasheet HTML 241Page - Texas Instruments AM6528 Datasheet HTML 242Page - Texas Instruments AM6528 Datasheet HTML 243Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 299 page
background image
239
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Cortex-A53 MPCore (A53 Cluster) features:
–
Dual-core configuration (coherent SMP processors within the cluster)
–
Full compliance to Armv8-A architecture
•
AArch32 and AArch64 Execution States
–
AArch32 for full backward compatibility with Armv7
–
AArch64 for 64b support and new architectural features
•
All exception levels EL0-3
•
A32 Instruction Set
•
T32 Instruction Set
•
A64 Instruction Set
–
NEON Advanced SIMD
–
VFPv4 Floating point
–
Hardware virtualization support
–
Armv8 Cryptography Extensions
–
Arm GICv3 architecture
–
In-order pipeline with symmetric dual-issue of most instructions
–
Harvard L1 with system MMU
•
32KB Instruction (Program) Cache
•
32KB Data Cache
–
512KB Shared L2 Cache
–
Snoop Control Unit (SCU) managing the interconnect, arbitration, communication, cache-to-cache
and system memory transfers, cache coherence and other capabilities for the processor
–
Generic Timer(s)
–
Arm CoreSight™ Debug and Trace Architecture
–
Functional safety support
•
Error Correction Code (ECC) protection for:
–
L1 Data Cache (Data RAM)
–
L2 Cache (Data RAM, Tag RAM)
–
L1 SCU Duplicate Tags
•
Parity protection for:
–
L1 Instruction Cache (Data RAM and Tag RAM)
–
L1 Data Cache Tag RAM and Dirty Bits
–
TLB
•
No error protection on branch protection and L2 victim RAM
•
Support for error injection to all supported ECC memory blocks
–
Provided for testing ECC functionality in safety-critical applications (add-on function from TI)
–
Supported by ECC Aggregators at the CC_ARMSS level
•
256-bit wide, synchronous or asynchronous VBUSM.C master interface
–
AXI2VBUSM_MASTER Bridge
–
Sync/Async boot time selectable via pin
–
Cache pre-warming via use of ACP Port
•
64-bit graycoded system input time
•
48-bit graycoded debug input time
•
32-bit VBUSP slave interface for debug (internally converted to APB)
•
32-bit ATB output port for debug/trace
•
Interface with Arm GIC-500 Interrupt Controller (SoC level, not part of CC_ARMSS)
•
Supports the SoC multi-core cache coherency architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com