Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6528 Datasheet(PDF) 250 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 250 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 246Page - Texas Instruments AM6528 Datasheet HTML 247Page - Texas Instruments AM6528 Datasheet HTML 248Page - Texas Instruments AM6528 Datasheet HTML 249Page - Texas Instruments AM6528 Datasheet HTML 250Page - Texas Instruments AM6528 Datasheet HTML 251Page - Texas Instruments AM6528 Datasheet HTML 252Page - Texas Instruments AM6528 Datasheet HTML 253Page - Texas Instruments AM6528 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 299 page
background image
250
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
6.9
Interprocessor Communication
6.9.1
NAVSS
NAVSS specifies the data structures used by Texas Instruments standard communications modules to
facilitate direct memory access (DMA) and to provide a consistent application programming interface (API)
to the host software in multi-core devices. The data structures and the API used to manipulate them will
be jointly referred to as NAVSS.
Frequent tasks are commonly offloaded from the host processor to peripheral hardware to increase
system performance. Significant performance gains may result from careful design of the host software
and communication module interface. In networking systems, packet transmission and reception are
critical tasks. Texas Instruments has developed the NAVSS standard, which is aimed at maximizing the
efficiency of interaction between the host software and communications modules.
The design goals for NAVSS are as follows:
•
Minimize host interaction
•
Maximize memory use efficiency
•
Maximize bus burst efficiency
•
Maximize symmetry between transmit/receive operations
•
Maximize scalability for number of connections/buffer sizes/queue sizes/protocols supported
•
Minimize protocol specific features
•
Minimize complexity
Navigator subsystem's (main NAVSS) has the following hardware components:
•
Ring Accelerator (RA)
•
Proxy
•
Secure Proxy
•
Interrupt Aggregator (IA)
•
Interrupt Router (IR)
•
Unified DMA – Third Party Channel Controller (UDMA-C)
•
Unified Transfer Controller (UTC)
•
Data Routing Unit (DRU)
•
Unified DMA – Peripheral Root Complex (UDMA-P)
•
Peripheral DMA (PDMA)
•
Embedded DMA
•
UDMA Hardware/Software Interface
For
more
information,
see
section
Navigator
Subsystem
(NAVSS)
in
chapter
Interprocessor
Communication of the device TRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com