Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6528 Datasheet(PDF) 287 Page - Texas Instruments

Click here to check the latest version.
Part # AM6528
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6528 Datasheet(HTML) 287 Page - Texas Instruments

Back Button AM6528 Datasheet HTML 283Page - Texas Instruments AM6528 Datasheet HTML 284Page - Texas Instruments AM6528 Datasheet HTML 285Page - Texas Instruments AM6528 Datasheet HTML 286Page - Texas Instruments AM6528 Datasheet HTML 287Page - Texas Instruments AM6528 Datasheet HTML 288Page - Texas Instruments AM6528 Datasheet HTML 289Page - Texas Instruments AM6528 Datasheet HTML 290Page - Texas Instruments AM6528 Datasheet HTML 291Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 299 page
background image
Device
VDDA_3P3_IOLDO_WKUP
VDDSHV0_WKUP
VDDSHV1_WKUP
VDDSHV2_WKUP
VDDA_3P3_IOLDO0
VDDA_3P3_IOLDO1
VDDSHV7
I/O Bias LDO
I/O Bias LDO
VDDA_POR_WKUP
VDDSHV0
VDDSHV1
VDDSHV2
VDDSHV3
VDDSHV4
VDDSHV5
VDDSHV6
I/O Bias LDO
VDDS1
VDDS2
VDDS4
VDDS0
VDDS5
VDDS7
VDDS8
VDDS3
CAP_VDDA_1P8_IOLDO_WKUP
CAP_VDDA_1P8_IOLDO0
CAP_VDDA_1P8_IOLDO1
Wakeup
Domain
Main
Domain
SPRSP08 DECOUPLING CAPS_01
_
_
VDDS2_WKUP
VDDS0_WKUP
VDDS1_WKUP
VDDS6
VDDSHV8
287
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Applications, Implementation, and Layout
Copyright © 2017–2018, Texas Instruments Incorporated
(2) In this Figure, the VDD_WKUP0 and VDD_WKUP1 supplies are sourced through the WKUP LDO, not an external supply.
(3) Refer to Section 7.6.1, LVCMOS External Capacitor Connections for details about external capacitor connections when using the SDIO
LDO.
7.6.1
LVCMOS External Capacitor Connections
Each VDDSHV[0-8] and VDDSHV[0:2]_WKUP can be configured as 1.8 V or 3.3 V. Figure 7-6 through
Figure 7-8 illustrate different system configurations for the dual-voltage I/O supplies.
VDDSHV[0-8] and VDDSHV[0:2]_WKUP are the dual-voltage LVCMOS I/O supplies, while VDDS[0-8] are
the dual-voltage LVCMOS I/O bias supplies. If any of the VDDSHV[0-8] or VDDSHV[0:2]_WKUP are
configured for 3.3 V operation, the corresponding VDDS[0-8] should be sourced from the internal I/O Bias
LDO. When any of the VDDSHV[0-8] or VDDSHV[0:2]_WKUP are configured for 1.8 V operation, both
VDDS[0-8] and VDDSHV[0-8] or VDDSHV[0:2]_WKUP should be supplied from the same source.
Two I/O Bias LDOs are integrated on this device to share load current. The recommended load sharing is
as follows:
•
IOLDO0 : VDDSHV0, VDDSHV1, VDDSHV2, VDDSHV5, VDDSHV7, VDDSHV8
•
IOLDO1 : VDDSHV3, VDDSHV4, VDDSHV6
Figure 7-6 shows all VDDSHV[0-8] supplies configured for 3.3V operation.
Figure 7-6. All VDDSHV[0-8] supplies configured for 3.3 V operation
Figure 7-7 shows all VDDSHV[0-8] supplies configured for 1.8 V operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com