| Electronic Components Datasheet Search |
|
AM6546 Datasheet(PDF) 225 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546 Datasheet(HTML) 225 Page - Texas Instruments |
|
225 / 299 page ![]() PRUR3L Start Bit Data Bits PRG _UART0_TXD i SPRS91x_TIMING_PRU_UART_01 PRUR3H PRUR1L Data Bits Bit Start PRG _UART0_RXD i PRUR1H (1) (1) (1) i in PRG _UART0_RXD and PRG _UART0_TXD = 0, 1 or 2 i i EDC_LATCHx_IN PRLA2 SPRSP08_TIMING_PRU_IEP_02 PRLA1 225 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2018, Texas Instruments Incorporated (1) P = PRU-ICSS IEP clock source period. Figure 5-114. PRU_ICSSG PRU IEP LATCHx_IN Timing 5.11.5.21.4 PRU_ICSSG Universal Asynchronous Receiver Transmitter (PRU-ICSS UART) 5.11.5.21.4.1 PRU_ICSSG UART Electrical Data and Timing Table 5-105. PRU_ICSSG UART Timing Requirements NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT PRUR1H tw(RXH) Pulse Duration, Receive start, stop, data bit High 0+U (1) ns PRUR1L tw(RXL) Pulse Duration, Receive start, stop, data bit Low -2+U (1) ns (1) U = UART baud time = 1/programmed baud rate. Table 5-106. PRU_ICSSG UART Switching Characteristics NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT PRUR2 f(baud) Maximum programmable baud rate PRUR3L tw(TXH) Pulse Duration, Transmit start, stop, data bit High 0+U(1) ns PRUR3H tw(TXL) Pulse Duration, Transmit start, stop, data bit Low -2+U(1) ns (1) U = UART baud time = 1/programmed baud rate. Figure 5-115. PRU_ICSSG UART Timing 5.11.5.21.5 PRU_ICSSG Enhanced Capture Peripheral (PRU-ICSS ECAP) 5.11.5.21.5.1 PRU_ICSSG ECAP Electrical Data and Timing Table 5-107. PRU_ICSSG ECAP Timing Requirements NO. PARAMETER DESCRIPTION MODE MIN MAX UNIT PREP1 tw(CAP) Pulse Duration, Capture input (asynchronous) 2+2*P (1) ns PREP2 tw(SYNCI) Pulse Duration, Sync input (asynchronous) 2+2*P (1) ns |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |