| Electronic Components Datasheet Search |
|
AM6546 Datasheet(PDF) 239 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6546 Datasheet(HTML) 239 Page - Texas Instruments |
|
239 / 299 page ![]() 239 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Detailed Description Copyright © 2017–2018, Texas Instruments Incorporated • Cortex-A53 MPCore (A53 Cluster) features: – Dual-core configuration (coherent SMP processors within the cluster) – Full compliance to Armv8-A architecture • AArch32 and AArch64 Execution States – AArch32 for full backward compatibility with Armv7 – AArch64 for 64b support and new architectural features • All exception levels EL0-3 • A32 Instruction Set • T32 Instruction Set • A64 Instruction Set – NEON Advanced SIMD – VFPv4 Floating point – Hardware virtualization support – Armv8 Cryptography Extensions – Arm GICv3 architecture – In-order pipeline with symmetric dual-issue of most instructions – Harvard L1 with system MMU • 32KB Instruction (Program) Cache • 32KB Data Cache – 512KB Shared L2 Cache – Snoop Control Unit (SCU) managing the interconnect, arbitration, communication, cache-to-cache and system memory transfers, cache coherence and other capabilities for the processor – Generic Timer(s) – Arm CoreSight™ Debug and Trace Architecture – Functional safety support • Error Correction Code (ECC) protection for: – L1 Data Cache (Data RAM) – L2 Cache (Data RAM, Tag RAM) – L1 SCU Duplicate Tags • Parity protection for: – L1 Instruction Cache (Data RAM and Tag RAM) – L1 Data Cache Tag RAM and Dirty Bits – TLB • No error protection on branch protection and L2 victim RAM • Support for error injection to all supported ECC memory blocks – Provided for testing ECC functionality in safety-critical applications (add-on function from TI) – Supported by ECC Aggregators at the CC_ARMSS level • 256-bit wide, synchronous or asynchronous VBUSM.C master interface – AXI2VBUSM_MASTER Bridge – Sync/Async boot time selectable via pin – Cache pre-warming via use of ACP Port • 64-bit graycoded system input time • 48-bit graycoded debug input time • 32-bit VBUSP slave interface for debug (internally converted to APB) • 32-bit ATB output port for debug/trace • Interface with Arm GIC-500 Interrupt Controller (SoC level, not part of CC_ARMSS) • Supports the SoC multi-core cache coherency architecture |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |