Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6526 Datasheet(PDF) 259 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 259 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 255Page - Texas Instruments AM6526 Datasheet HTML 256Page - Texas Instruments AM6526 Datasheet HTML 257Page - Texas Instruments AM6526 Datasheet HTML 258Page - Texas Instruments AM6526 Datasheet HTML 259Page - Texas Instruments AM6526 Datasheet HTML 260Page - Texas Instruments AM6526 Datasheet HTML 261Page - Texas Instruments AM6526 Datasheet HTML 262Page - Texas Instruments AM6526 Datasheet HTML 263Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 259 / 299 page
background image
259
AM6548, AM6528, AM6546
AM6526, AM6527
www.ti.com
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
DDR PHY Features:
–
Partial data macro use for ECC in 39-bit and 22-bit mode
–
Automatic and software controllable DDR-PHY and I/Os initialization and calibration (ZQ)
–
Automatic and software controllable delay line calibrations with voltage and temeprature (VT)
compensation
–
Automatic and software controllable write levelling with VT compensation
–
Automatic read DQS gating training per rank with VT compensation
–
Automatic and software controllable DQ/DQS eye training per rank
–
Automatic and software controllable read and write data bit deskew
–
Automatic and software controllable Command/Address (CA) levelling with VT compensation for
LPDDR4
–
Automatic and software controllable CA bit deskew for LPDDR4
–
Refreshes to SDRAM during leveling and training
–
Any bit in the byte lane as prime bit for write leveling and read trainings
–
No seeding requirement based on board topology for any of the leveling and training algorithms
–
Max channel length of 3 inches with controlled impedance for command and data channels
–
Dynamic/automatic I/O receiver disable when read transfer is not on going
–
Capability of disabling unused data macros and I/Os when not in use
–
Ability to keep DLL/PLL ON during stress/burn-in testing (BIST loopback with DLL/PLL operational
but not used)
DDRSS0 does not support the following:
•
4-bit wide DDR4 devices
•
UDIMMs
•
SODIMMs
•
RDIMMs
•
LRDIMMs
•
Address mirroring for DIMMs
•
Data bus obfuscation or any other kind of encryption
•
Automatic periodic scrubbing of SDRAM for ECC
–
Does not support the ECC Scrubber block provided by Synopsys for a fully automated flexible
scrubbing solution
•
32-bit with ECC (39-bit) for LPDDR4
•
8-bit with ECC (13-bit) for LPDDR4
•
8-bit without ECC for LPDDR4
•
Two independent 16-bit channel operation for LPDDR4
For more information, see section DDR Subsystem (DDRSS) in chapter Peripherals of the device TRM.
6.11.6 DSS
The Display Subsystem (DSS) provides the logic to interface display peripherals. DSS includes a DMA
engine as part of the integrated Display Controller (DISPC) module, which allows direct access to the
frame buffer (system memory). Various pixel processing capabilities are supported, such as: color space
conversion, filtering, scaling, among others.
The supported display interfaces (connections to external panel) are:
•
One parallel interface, which can be used for MIPI® DPI 2.0, or BT-656 or BT-1120.
•
One RFBI interface, supporting MIPI DBI 2.0.
The modules integrated in DSS are:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com