Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6526 Datasheet(PDF) 270 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 270 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 266Page - Texas Instruments AM6526 Datasheet HTML 267Page - Texas Instruments AM6526 Datasheet HTML 268Page - Texas Instruments AM6526 Datasheet HTML 269Page - Texas Instruments AM6526 Datasheet HTML 270Page - Texas Instruments AM6526 Datasheet HTML 271Page - Texas Instruments AM6526 Datasheet HTML 272Page - Texas Instruments AM6526 Datasheet HTML 273Page - Texas Instruments AM6526 Datasheet HTML 274Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 299 page
background image
270
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
NOTE
Because a serializer receive and transmit channels data is shared on the same MCASP data
pin, user can choose to have either Tx or Rx function from a serializer, not both at the same
time.
The MCASP module does not support the following features:
•
Muting output (AMUTE)
•
Muting input (AMUTEIN)
For more information, see section Multi-channel Audio Serial Port (McASP) in chapter Peripherals of the
device TRM.
6.11.18 MCRC Controller
VBUSM CRC controller is a module which is used to perform CRC (Cyclic Redundancy Check) to verify
the integrity of a memory system. A signature representing the contents of the memory is obtained when
the contents of the memory are read into MCRC Controller. The responsibility of MCRC controller is to
calculate the signature for a set of data and then compare the calculated signature value against a pre-
determined good signature value. MCRC controller provides four channels to perform CRC calculation on
multiple memories in parallel and can be used on any memory system. Channel 1 can also be put into
data trace mode, where MCRC controller compresses each data being read through CPU read data bus.
MCRC has the following features:
•
Four channels to perform background signature verification on any memory subsystem
•
Data compression on 8-, 16-, 32-, and 64-bit data size
•
Maximum-length PSA (Parallel Signature Analysis) register constructed based on 64-bit primitive
polynomial
•
Each channel has a CRC Value Register which contains the pre-determined CRC value
•
Use timed base event trigger from timer to initiate DMA data transfer
•
Programmable 20-bit pattern counter per channel to count the number of data patterns for
compression
•
Three modes of operation:
–
Auto
–
Semi-CPU
–
Full-CPU
•
For each channel, CRC can be performed either by MCRC Controller or by CPU
•
Automatically performs signature verification without CPU intervention in AUTO mode
•
Generates interrupt to CPU in Semi-CPU mode to allow CPU to perform signature verification itself
•
Generates CRC fail interrupt in AUTO mode if signature verification fails
•
Generates Timeout interrupt if CRC is not performed within the time limit
•
Generates DMA request per channel to initiate CRC value transfer
•
An 128-byte block burst address for the PSA register to DMA without constant mode bus attribute
For more information, see section MCRC Controller in chapter Interprocessor Communication of the
device TRM.
6.11.19 MCSPI
The MCSPI module is a multichannel transmit/receive, master/slave synchronous serial bus.
There are total of eight MCSPI modules in the device.
MCSPI3 and MCSPI4 include internal connectivity to MCSPI modules in the MCU domain, as follows:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com