Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY62126DV30 Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY62126DV30
Description  1-Mbit (64K x 16) Static RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY62126DV30 Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY62126DV30 Datasheet HTML 3Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 4Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 5Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 6Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 7Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 8Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 9Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 10Page - Cypress Semiconductor CY62126DV30 Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CY62126DV30
MoBL
Document #: 38-05230 Rev. *E
Page 9 of 11
Truth Table
CE
WE
OE
BHE
BLE
Inputs/Outputs
Mode
Power
H
X
X
X
X
High Z
Deselect/Power-Down
Standby (ISB)
L
X
X
H
H
High Z
Output Disabled
Active (ICC)
L
H
L
L
L
Data Out (I/OO–I/O15)
Read
Active (ICC)
L
H
L
H
L
Data Out (I/OO–I/O7);
I/O8–I/O15 in High Z
Read
Active (ICC)
L
H
L
L
H
Data Out (I/O8–I/O15);
I/O0–I/O7 in High Z
Read
Active (ICC)
L
H
H
L
L
High Z
Output Disabled
Active (ICC)
L
H
H
H
L
High Z
Output Disabled
Active (ICC)
L
H
H
L
H
High Z
Output Disabled
Active (ICC)
L
L
X
L
L
Data In (I/OO–I/O15)
Write
Active (ICC)
L
L
X
H
L
Data In (I/OO–I/O7);
I/O8–I/O15 in High Z
Write
Active (ICC)
L
L
X
L
H
Data In (I/O8–I/O15);
I/O0–I/O7 in High Z
Write
Active (ICC)
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
45
CY62126DV30LL-45BVI
BV48A
48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
Industrial
CY62126DV30LL-45BVXI
48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm) (Pb-free)
CY62126DV30LL-45ZSXI
ZS44
44-Lead TSOP Type II (Pb-free)
55
CY62126DV30L-55BVI
BV48A
48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
Industrial
CY62126DV30LL-55BVI
BV48A
48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
CY62126DV30L-55ZSI
ZS44
44-Lead TSOP Type II
CY62126DV30LL-55ZSI
ZS44
44-Lead TSOP Type II
CY62126DV30LL-55ZSXI
44-Lead TSOP Type II (Pb-Free)
70
CY62126DV30L-70BVI
BV48A
48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
Industrial
CY62126DV30LL-70BVI
BV48A
48-ball Fine Pitch BGA (6 mm x 8 mm x 1 mm)
CY62126DV30L-70ZSI
ZS44
44-Lead TSOP Type II
CY62126DV30LL-70ZSI
ZS44
44-Lead TSOP Type II
CY62126DV30LL-70ZSXI
44-Lead TSOP Type II (Pb-Free)


Similar Part No. - CY62126DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY62126DV30 CYPRESS-CY62126DV30 Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30L-55BVXE CYPRESS-CY62126DV30L-55BVXE Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30L-55ZSXE CYPRESS-CY62126DV30L-55ZSXE Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30LL-55BVI CYPRESS-CY62126DV30LL-55BVI Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126DV30LL-55BVXI CYPRESS-CY62126DV30LL-55BVXI Datasheet
365Kb / 12P
   1-Mbit (64K x 16) Static RAM
More results

Similar Description - CY62126DV30

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1021B CYPRESS-CY7C1021B Datasheet
370Kb / 10P
   1-Mbit (64K x 16) Static RAM
CY7C1021D CYPRESS-CY7C1021D Datasheet
558Kb / 11P
   1-Mbit (64K x 16) Static RAM
CY62126ESL CYPRESS-CY62126ESL Datasheet
419Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_10 Datasheet
299Kb / 16P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_08 Datasheet
394Kb / 14P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30_09 Datasheet
472Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY62126EV30 CYPRESS-CY62126EV30 Datasheet
612Kb / 12P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV33 CYPRESS-CY7C1021CV33_06 Datasheet
390Kb / 13P
   1-Mbit (64K x 16) Static RAM
CY7C1021CV26 CYPRESS-CY7C1021CV26 Datasheet
247Kb / 9P
   1-Mbit (64K x 16) Static RAM
CY7C1021DV33 CYPRESS-CY7C1021DV33 Datasheet
384Kb / 11P
   1-Mbit (64K x 16) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com