Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XUH525125I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # XUH525125I
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

XUH525125I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button XUH525125I Datasheet HTML 6Page - Integrated Device Technology XUH525125I Datasheet HTML 7Page - Integrated Device Technology XUH525125I Datasheet HTML 8Page - Integrated Device Technology XUH525125I Datasheet HTML 9Page - Integrated Device Technology XUH525125I Datasheet HTML 10Page - Integrated Device Technology XUH525125I Datasheet HTML 11Page - Integrated Device Technology XUH525125I Datasheet HTML 12Page - Integrated Device Technology XUH525125I Datasheet HTML 13Page - Integrated Device Technology XUH525125I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10
©2018 Integrated Device Technology, Inc.
June 25, 2018
XU Datasheet
Figure 2 . LV PECL Out put Wa ve form s
Oscillator Symmetry
Rise Time/Fall Time Measurements
OUTPUT 2
OUTPUT 1
OUTPUT 2
OUTPUT 1
VOH
VOL
VOH
VOL
½ Period
Period
TR
TF
20% to 80%
Figure 3 . H CSL Out put Wa ve form s
Oscillator Symmetry
Rise Time/Fall Time Measurements
OUTPUT 2
OUTPUT 1
OUTPUT 2
OUTPUT 1
VOH
VOL
VOH
VOL
½ Period
Period
TR
TF
20% to 80%


Similar Part No. - XUH525125I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XUH525 IDT-XUH525 Datasheet
288Kb / 12P
   IDT XO LVPECL Crystal Oscillator
More results

Similar Description - XUH525125I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
XA IDT-XA Datasheet
481Kb / 20P
   XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
   XL Family of Low Phase Noise Quartz-based PLL Oscillators
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
   LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
   Ultra-Low Phase Noise Oscillators
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
   Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
   of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
   of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
   Patented PLL with low phase noise
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
   Low Phase Noise PLL Clock Multiplier
logo
PhaseLink Corporation
PLL601-02 PLL-PLL601-02 Datasheet
200Kb / 4P
   Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com