Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8N3DV76EG-0000CDI8 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 8N3DV76EG-0000CDI8
Description  Quad-Frequency Programmable VCXO
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8N3DV76EG-0000CDI8 Datasheet(HTML) 5 Page - Integrated Device Technology

  8N3DV76EG-0000CDI8 Datasheet HTML 1Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 2Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 3Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 4Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 5Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 6Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 7Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 8Page - Integrated Device Technology 8N3DV76EG-0000CDI8 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
IDT8N4QV01GCD REVISION A MARCH 11, 2014
5
©2014 Integrated Device Technology, Inc.
IDT8N4QV01 REV G DATA SHEET
QUAD-FREQUENCY PROGRAMMABLE-VCXO
Principles of Operation
The block diagram consists of the internal 3rd overtone crystal and
oscillator which provide the reference clock fXTAL of either
114.285MHz or 100MHz. The PLL includes the FemtoClock NG VCO
along with the Pre-divider (P), the feedback divider (M) and the post
divider (N). The P, M, and N dividers determine the output frequency
based on the fXTAL reference and must be configured correctly for
proper operation. The feedback divider is fractional supporting a
huge number of output frequencies. The configuration of the
feedback divider to integer-only values results in an improved output
phase noise characteristics at the expense of the range of output
frequencies. In addition, internal registers are used to hold up to four
different factory pre-set P, M, and N configuration settings. These
default pre-sets are stored in the I2C registers at power-up. Each
configuration is selected via the FSEL[1:0] pins and can be read back
using the SCLK and SDATA pins.
The user may choose to operate the device at an output frequency
different than that set by the factory. After power-up, the user may
write new P, N and M settings into one or more of the four
configuration registers and then use the FSEL[1:0] pins to select the
newly programmed configuration. Note that the I2C registers are
volatile and a power supply cycle will reload the pre-set factory
default conditions.
If the user does choose to write a different P, M, and N configuration,
it is recommended to write to a configuration which is not currently
selected by FSEL[1:0] and then change to that configuration after the
I2C transaction has completed. Changing the FSEL[1:0] controls
results in an immediate change of the output frequency to the
selected register values. The P, M, and N frequency configurations
support an output frequency range 15.476MHz to 866.67MHz and
975MHz to 1,300MHz.
The devices use the fractional feedback divider with a delta-sigma
modulator for noise shaping and robust frequency synthesis
capability. The relatively high reference frequency minimizes phase
noise generated by frequency multiplication and allows more efficient
shaping of noise by the delta-sigma modulator.
The output frequency is determined by the 2-bit pre-divider (P), the
feedback divider (M) and the 7-bit post divider (N). The feedback
divider (M) consists of both a 7-bit integer portion (MINT) and an
18-bit fractional portion (MFRAC) and provides the means for
high-resolution frequency generation. The output frequency fOUT is
calculated by:
f
OUT
f
XTAL
1
PN
-------------
MINT
MFRAC
0.5
+
2
18
-----------------------------------
+

=
(1)
The four configuration registers for the P, M (MINT & MFRAC) and N
dividers which are named Pn, MINTn, MFRACn and Nn with n = 0 to
3. “n” denominates one of the four possible configurations.
As identified previously, the configurations of P, M (MINT & MFRAC)
and N divider settings are stored the I2C register, and the
configuration loaded at power-up is determined by the FSEL[1:0]
pins.
Input
Selects
Register
FSEL1
FSEL0
0 (def.)
0 (def.)
Frequency 0
P0, MINT0, MFRAC0, N0
0
1
Frequency 1
P1, MINT1, MFRAC1, N1
1
0
Frequency 2
P2, MINT2, MFRAC2, N2
1
1
Frequency 3
P3, MINT3, MFRAC3, N3
Frequency Configuration
An order code is assigned to each frequency configuration
programmed by the factory (default frequencies). For more
information on the available default frequencies and order codes,
please see the Ordering Information Section in this document. For
available order codes, see the FemtoClock NG Ceramic-Package XO
and VCXO Ordering Product Information document.
For more information and guidelines on programming of the device
for custom frequency configurations, the register description, the
pull-range programming and the serial interface description, see the
FemtoClock NG Ceramic 5x7 Module Programming Guide.
Table 4. Frequency Selection


Similar Part No. - 8N3DV76EG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8N3DV76EC-0000CDI8 RENESAS-8N3DV76EC-0000CDI8 Datasheet
725Kb / 19P
LVDS Frequency-Programmable Crystal Oscillator
2019
8N3DV76EC-0000CDI8 RENESAS-8N3DV76EC-0000CDI8 Datasheet
1Mb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
2019
8N3DV76EC-0999CDI8 RENESAS-8N3DV76EC-0999CDI8 Datasheet
725Kb / 19P
LVDS Frequency-Programmable Crystal Oscillator
2019
8N3DV76EC-0999CDI8 RENESAS-8N3DV76EC-0999CDI8 Datasheet
1Mb / 20P
LVPECL Frequency-Programmable Crystal Oscillator
2019
8N3DV76EC-1000CDI8 RENESAS-8N3DV76EC-1000CDI8 Datasheet
725Kb / 19P
LVDS Frequency-Programmable Crystal Oscillator
2019
More results

Similar Description - 8N3DV76EG-0000CDI8

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT8N3QV01 IDT-IDT8N3QV01 Datasheet
236Kb / 23P
Quad-Frequency Programmable VCXO
IDT8N4QV01 IDT-IDT8N4QV01 Datasheet
193Kb / 20P
Quad-Frequency Programmable VCXO
logo
Vectron International, ...
VX-724 VECTRON-VX-724 Datasheet
726Kb / 9P
Quad Frequency HPLL VCXO
logo
Renesas Technology Corp
IDT8N0QV01 RENESAS-IDT8N0QV01 Datasheet
836Kb / 20P
Quad-Frequency Programmable VCXO
MARCH 13, 2014
IDT8N3QV01 RENESAS-IDT8N3QV01 Datasheet
440Kb / 24P
Quad-Frequency Programmable VCXO
MARCH 6, 2012
IDT8N4QV01 RENESAS-IDT8N4QV01 Datasheet
868Kb / 21P
Quad-Frequency Programmable VCXO
MARCH 11, 2014
IDT8N4SV75 RENESAS-IDT8N4SV75 Datasheet
545Kb / 20P
LVDS Frequency-Programmable VCXO
NOVEMBER 6, 2013
IDT8N3SV75 RENESAS-IDT8N3SV75 Datasheet
784Kb / 20P
LVPECL Frequency-Programmable VCXO
2019
IDT8N3SV76 RENESAS-IDT8N3SV76 Datasheet
877Kb / 21P
LVPECL Frequency-Programmable VCXO
2019
IDT8N4DV85 RENESAS-IDT8N4DV85 Datasheet
932Kb / 19P
LVDS Dual-Frequency Programmable VCXO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com