Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2814126 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2814126
Description  Temperature measuring transducer - MCR-T-UI-E-NC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2814126 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2814126 Datasheet HTML 1Page - PHOENIX CONTACT 2814126 Datasheet HTML 2Page - PHOENIX CONTACT 2814126 Datasheet HTML 3Page - PHOENIX CONTACT 2814126 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2814126
11/22/2018   Page 4 / 4
Temperature measuring transducer - MCR-T-UI-E-NC - 2814126
Technical data
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Dimensional drawing
17,5
99
Circuit diagram
=
=
IN
OUT
1
2
3
4
5
6
NC
NC
D
C
D
A
7
8
9
(+)24VDC
SP
(-)GND
10
11
12
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com


Similar Part No. - 2814126

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
28141A BELDEN-28141A Datasheet
157Kb / 2P
TC VN/PVC, 5 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28141A-01010000 BELDEN-28141A-01010000 Datasheet
157Kb / 2P
TC VN/PVC, 5 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28141A-01020000 BELDEN-28141A-01020000 Datasheet
157Kb / 2P
TC VN/PVC, 5 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
28141A-0105000 BELDEN-28141A-0105000 Datasheet
157Kb / 2P
TC VN/PVC, 5 C #10 Str BC, PVC-NYL Ins E2, Blk PVC Jkt, 600V TC-ER 90C Dry/Wet SUN RES DIR BUR
04-14-2023
More results

Similar Description - 2814126

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2902851 PHOENIX-2902851 Datasheet
102Kb / 7P
Thermocouple measuring transducer - MINI MCR-TC-UI-NC
2864286 PHOENIX-2864286 Datasheet
99Kb / 6P
Resistance thermometer measuring transducer - MINI MCR-SL-PT100-UI-SP-NC
2902832 PHOENIX-2902832 Datasheet
133Kb / 9P
Frequency transducer - MINI MCR-SL-F-UI-NC
09/12/2020
2924346 PHOENIX-2924346 Datasheet
84Kb / 6P
Temperature measuring transducer - MACX MCR-SL-TC-I-NC
2902833 PHOENIX-2902833 Datasheet
82Kb / 7P
Frequency transducer - MINI MCR-SL-F-UI-SP-NC
2864574 PHOENIX-2864574 Datasheet
76Kb / 5P
Temperature measuring transducer - MCR-FL-T-LP-I-EX
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
105446 PHOENIX-105446 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2810939 PHOENIX-2810939 Datasheet
102Kb / 6P
Signal conditioner - MCR-C-UI-UI-DCI-NC
09/12/2020
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com