Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 29 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 29 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 25Page - PHOENIX CONTACT 104595 Datasheet HTML 26Page - PHOENIX CONTACT 104595 Datasheet HTML 27Page - PHOENIX CONTACT 104595 Datasheet HTML 28Page - PHOENIX CONTACT 104595 Datasheet HTML 29Page - PHOENIX CONTACT 104595 Datasheet HTML 30Page - PHOENIX CONTACT 104595 Datasheet HTML 31Page - PHOENIX CONTACT 104595 Datasheet HTML 32Page - PHOENIX CONTACT 104595 Datasheet HTML 33Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
29
Setting for the sensor mode
(RTD4, RTD3, RTD2, 2 x RTD2, TC + CJ, TC + CJ ext., potentiometer, mV).
Setting for the sensor type depending on sensor mode
(Pt, Ni, CU, KTY..., USER, for more see “Order key” on page 7).
RTD basic resistance for sensor types with a variable basic resistance
(e.g., when 100 is selected, the basic resistance is 100 Ω)
Start of range for input 1 depending on sensor type, e.g., -50°C (°C, °F, Ω, %, mV).
End of range for input 1 depending on sensor type, e.g., 150°C (°C, °F, Ω, %, mV)
Start of range for input 2 depending on sensor type and only for 2 x RTD with 2-wire connection method,
e.g., -50°C (°C, °F, Ω).
End of range for input 2 depending on sensor type and only for 2 x RTD with 2-wire connection method,
e.g., 150°C (°C, °F, Ω)
Setting for the differential measurement only for 2 x RTD with 2-wire connection method and not resis-
tance
(off, differential, absolute value differential)
Start of range for differential, only with differential and absolute value differential (°C, °F)
End of range for differential, only with differential and absolute value differential (°C, °F)
Sensor type of the cold junction, only with TC + CJ ext.
RTD basic resistance of the cold junction, only with TC + CJ ext.
Associated input of the analog output (input 1, input 2, differential), appears only in sensor mode 2 x RTD2
(2 x RTD 2-wire connection method)
Associated input of the switching output (input 1, input 2, differential), appears only in sensor mode 2 x
RTD2 (2 x RTD 2-wire connection method)
Mode of switching output (0 ... 7)
(see “Switching output” on page 17)
Setpoint low of switching output (appears only if mode > 3)
(see “Switching output” on page 17).
Setpoint high of switching output (appears only if mode > 1)
(see “Switching output” on page 17)
Input Conf
Sensortype
RTD Base
RStart IN1
REnd IN1
RStart IN2
REnd IN2
Difference
Diff RStart
Diff REnd
CJ Sensor
CJ RTDBase
Con. IN AO
Con. IN SW1
Mode SW1
SPL SW1
SPH SW1


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com