Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 30 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 30 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 26Page - PHOENIX CONTACT 104595 Datasheet HTML 27Page - PHOENIX CONTACT 104595 Datasheet HTML 28Page - PHOENIX CONTACT 104595 Datasheet HTML 29Page - PHOENIX CONTACT 104595 Datasheet HTML 30Page - PHOENIX CONTACT 104595 Datasheet HTML 31Page - PHOENIX CONTACT 104595 Datasheet HTML 32Page - PHOENIX CONTACT 104595 Datasheet HTML 33Page - PHOENIX CONTACT 104595 Datasheet HTML 34Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
30
11.8
Key for output
11.8.1 Key for output configuration (analog output)
Configuration selection, output configuration
Access to the menu items for the configuration of the output
(see “Key for output configuration (analog output)” on page 30)
Setting for the dependent parameters of the analog output – mode, start and end of range, display of cor-
rection values, fault behavior (OR, UR, LB, KS)
Monitoring of output load/short circuit (Yes/No), only configurable with SIL = OFF
Resets the correction values of the output
Output
Outp. Conf
Check
B/LB
Reset Cor.
Overrange
Underrange
RangeStart
RangeEnd
Linebreak
Corr. Start
Shorted
Corr. End
OK / ESC
OK
OK
OK
OK
OK
OK
OK
Output Configuration
Outp. Conf
Outp. Conf
Outp. Conf
ESC
OK
Start of range for output – setting only possible with SIL = OFF, 4 mA (0 ... 20 mA, -10 ... 10 V)
End of range for output – setting only possible with SIL = OFF, 20 mA (0 ... 20 mA, -10 ... 10 V)
Display of the start correction value for the analog output (mA, V)
Display of the end correction value for the analog output (mA, V)
Analog output value when overrange NE43 Upsc. / NE43 Downsc.
(Configurable for fault behavior = freely definable)
Analog output value for underrange NE43 Upsc. / NE43 Downsc.
(Configurable for fault behavior = freely definable)
Analog output value in the event of line break NE43 Upsc. / NE43 Downsc.
(Configurable for fault behavior = freely definable)
Analog output value in the event of a short circuit on the line NE43 Upsc. / NE43 Downsc.
(Configurable for fault behavior = freely definable)
RangeStart
RangeEnd
Corr.Start
Corr.End
Overrange
Underrange
Linebreak
Shorted


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com