Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 32 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 32 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 28Page - PHOENIX CONTACT 104595 Datasheet HTML 29Page - PHOENIX CONTACT 104595 Datasheet HTML 30Page - PHOENIX CONTACT 104595 Datasheet HTML 31Page - PHOENIX CONTACT 104595 Datasheet HTML 32Page - PHOENIX CONTACT 104595 Datasheet HTML 33Page - PHOENIX CONTACT 104595 Datasheet HTML 34Page - PHOENIX CONTACT 104595 Datasheet HTML 35Page - PHOENIX CONTACT 104595 Datasheet HTML 36Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
32
13
Configuration with the service PC
When making changes to the configuration data, use the
IFS-CONF software (free download: www.phoenixcon-
tact.net/catalog).
Connect the device and PC with the help of the IFS-
USB-PROG-ADAPTER programming adapter (Order
No. 2811271).
Figure 9
IFS-USB-PROG-ADAPTER
Changes to the configuration and parameterization data can
be made during operation with a connected Ex measuring
circuit as well as in a disconnected state.
13.1
System requirements
IBM PC or compatible computer with 400 MHz or higher
with at least 256 Mbyte RAM
At least 15 Mbyte available hard disk space
Free USB interface, at least USB 1.1.
Screen resolution of 1024 x 768 pixels
Windows 2000 SP4, Windows XP SP2
13.2
Configuring the user characteristic curve
The user characteristic curve is created with the PC-based
IFS-CONF software and stored in the temperature trans-
ducer.
14
Comparison of safety data
Safety data for the
The values for U
o, Io, Po, Lo and Co can be found under
“Safety data according to ATEX for intrinsically safe circuits”
on page 9.
Requirements for intrinsic safety (simple circuits):
U
i ≥ Uo
I
i ≥ Io
P
i ≥ Po
L
i + Lc ≤ Lo
C
i + Cc ≤ Co
(L
c and Cc depend on the cables/lines used).
Information on configuration, parameterization
and service options (e.g., online monitoring) and
their execution can be found in the online help of
the software and in the associated user manuals
of the DTMs (Device Type Manager).
The drivers for the IFS-USB-PROG-ADAPTER
USB programming adapter are installed automat-
ically.
PWR
DAT
ERR
DO
1
4.2
5.2
2.2
3.2
4.3
5.3
2.3
3.3
32
82
5 B
lom
be
rg
, G
erm
any
MA
CX
MCR
–T–
UI–
UP
Ord
.–N
o.:
281139
4
Temperature
T
ransducer
/T
emperaturmessumformer
Supp
ly
V
oltage
:
Input
Ana
log
–Out
D
igita
l–
Out
24V
...
230
V
A
C/D
C
RT
D,
T
C,
m
V,
Po
ti,
R
0
20
m
A
/ ±
10
V
WA
RNIN
G
DO
N
OT
SE
PA
RATE
WHEN
ENE
RG
IZE
D
AN
D
IN
STALLE
D
IN
Z
ONE
2
www.
phoen
ixcontact
.com
see
m
anua
l
(–20%
...+
10%
, 50
Hz/
60
Hz
)
U
=
253
V
m
U
=
253
V
m
T–
20°
...+
65°C
/–4
°...+
14
F
amb
0,5
A
(30
V
A
C)
/
1A
(30
V
DC
)
U
=
30
V
(Z
one
2)
m
P
=
1,5
W
N
O
U
T
IN
GN
D
14
11
12
NC
I
out
U
out
1.1
2.1
5.1
3.1
4.
1
1.2
2.2
5.2
3.2
4.
2
1.3
2.3
5.3
3.3
4.
3
+
S-POR
T
μc
3.1
3.2
3.3
2.1
2.2
2.3
1.1
1.2
1.3
Freely configurable user characteristic curve for
individual adaptation of resistance temperature
detectors (RTD) and thermocouples (TC).
The user characteristic curve is either selected
with the IFS-CONF or with the IFS-OP-UNIT soft-
ware.
WARNING: Explosion hazard
Compare the safety data before connecting a de-
vice located in the intrinsically safe area to the
MACX MCR-T-UI-UP....
Field devices:
U
i, Ii, Pi, Li, Ci
Temperature transducers:
U
o, Io, Po, Lo, Co


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com