Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 37 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 37 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 33Page - PHOENIX CONTACT 104595 Datasheet HTML 34Page - PHOENIX CONTACT 104595 Datasheet HTML 35Page - PHOENIX CONTACT 104595 Datasheet HTML 36Page - PHOENIX CONTACT 104595 Datasheet HTML 37Page - PHOENIX CONTACT 104595 Datasheet HTML 38Page - PHOENIX CONTACT 104595 Datasheet HTML 39Page - PHOENIX CONTACT 104595 Datasheet HTML 40Page - PHOENIX CONTACT 104595 Datasheet HTML 41Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
Appendix - Safety-related applications (SIL 2)
en Version 04
PHOENIX CONTACT
A-3
1.2.2
Failure rates: MACX MCR(-EX)-T-UIREL-UP
(-SP)(-C)
Type B device (according to EN 61508-2)
Safety Integrity Level (SIL) 2
–HFT = 0
1oo1d architecture
The total failure rate is: 1.34 * 10
-6
The MTBF (Mean Time Between Failures) is therefore
85 years.
The probability of a dangerous failure per hour for “continu-
ous demand” mode and the average probability of failure of
the specified function for “low demand” mode are deter-
mined from the error rate:
PFD
avg values
PFH* = 5.6 * 10
-8
/h
The calculation is performed assuming a checking interval
(T
PROOF) of 1 year and a repair time (MTTR) of 24 hours, a
test coverage (CPT) of 95% and a life time (LT) of 10 years.
On the basis of the value determined for the average proba-
bility of failure PFD
avg, the checking interval can be in-
creased to up to 5 yearsif the percentage of the device for
the entire loop is assumed at 10%.
The values are valid under the following conditions:
The failure rates of the components used remain con-
stant throughout the period of use.
The propagation of failures by the device in the system
is not taken into consideration.
The repair time (replacement) is eight hours.
The failure rates of the external power supply unit are
not taken into consideration.
The average temperature at which the device is to be
used is 40°C. In this case, normal industrial conditions
are assumed.
The specified failure rates are based on an average am-
bient temperature of 40°C. For an average ambient
temperature of 60°C, the failure rates must be multiplied
by factor 2.5. Factor 2.5 is based on guide values.
1.2.3
Failure rates: MACX MCR(-EX)-T-UI-UP(-SP)
(-C)
Type B device (according to EN 61508-2)
Safety Integrity Level (SIL) 2
–HFT = 0
1oo1d architecture
The total failure rate is: 1.18 * 10
-6
The MTBF (Mean Time Between Failures) is therefore
97 years.
The probability of a dangerous failure per hour for “continu-
ous demand” mode and the average probability of failure of
the specified function for “low demand” mode are deter-
mined from the error rate:
PFD
avg values
PFH* = 4.3 * 10
-8
/h
The calculation is performed assuming a checking interval
(T
PROOF) of 1 year and a repair time (MTTR) of 24 hours, a
test coverage (CPT) of 95% and a life time (LT) of 10 years.
On the basis of the value determined for the average proba-
bility of failure PFD
avg, the checking interval can be in-
creased to up to 5 years.
The values are valid under the following conditions:
The failure rates of the components used remain con-
stant throughout the period of use.
The propagation of failures by the device in the system
is not taken into consideration.
Input:
Voltage input mV
Output:
Switching output 2 and 3 (redundant)
λ
SD
λ
SU
λ
DD
λ
DU
SFF
DC
D
0
2.38 *
10
-7
5.22*
10
-7
0.56 *
10
-7
93%
90%
0 FIT
238 FIT
522 FIT
56 FIT
T[PROOF] =
1 year
2 years
5 years
PFD
avg =
3.67 * 10
-4
5.99 * 10
-4
1.30 * 10
-3
Input:
RTD 3-wire connection method
Output:
4 ... 20 mA (current output)
λ
SD
λ
SU
λ
DD
λ
DU
SFF
DC
D
0
0
8.05*
10
-7
0.43 *
10
-7
94%
94%
0 FIT
0 FIT
805 FIT
43 FIT
T[PROOF] =
1 year
2 years
5 years
PFD
avg =
2.95 * 10
-4
4.76 * 10
-4
1.02 * 10
-3


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com