Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 39 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 39 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 33Page - PHOENIX CONTACT 104595 Datasheet HTML 34Page - PHOENIX CONTACT 104595 Datasheet HTML 35Page - PHOENIX CONTACT 104595 Datasheet HTML 36Page - PHOENIX CONTACT 104595 Datasheet HTML 37Page - PHOENIX CONTACT 104595 Datasheet HTML 38Page - PHOENIX CONTACT 104595 Datasheet HTML 39Page - PHOENIX CONTACT 104595 Datasheet HTML 40Page - PHOENIX CONTACT 104595 Datasheet HTML 41Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
Appendix - Safety-related applications (SIL 2)
en Version 04
PHOENIX CONTACT
A-5
Configuring safety-related applications
Connect the device and PC with the help of the IFS-
USB-PROG-ADAPTER programming adapter (Order
No. 2811271).
Load the IFS-CONF configuration software (free down-
load at:
www.phoenixcontact.net/catalog).
Further information on the FDT frame application (IFS-
CONF) and the device drivers (DTM) can be found in
the IFS-CONF user manual.
Read out the active configuration.
Enter the password in the IFS-CONF in the “PIN” hard-
ware configuration (set to 1111 in the factory).
Activate/deactivate SIL.
In the case of “SIL ON”, it is also possible to deactivate the
“Restart after failsafe” item here.
This means that in the event of a failure, the measuring
transducer enters the failsafe state according to the safety
functions, but is not restarted.
Write the modified configuration data to the measuring
transducer.
Check that the new configuration data in the control
window is correct and confirm with “OK” or “Cancel” if
not correct.
A1.4
Installation and startup
During installation, always observe the package slips
The package slip is supplied with the device. It can also be
downloaded at: www.phoenixcontact.net/catalog.
Lockable housing with IP54 protection is recommended for
the installation of the measuring transducer.
Check that the configuration of the measuring transduc-
er is correct for the intended application.
Connect the measuring transducer according to the in-
stallation instructions.
Make sure that the connected sensor corresponds to
the configuration.
Check the functionality of the measuring transducer
with connected sensor for correct function.
A calibrated sensor simulator (RTD/TC) and a calibrat-
ed digital multimeter are necessary for checking the
measuring transducer.
Start up the loop and check that it operates correctly.
A1.5
Notes on operation
Only the green LED (PWR) is on during normal operation.
If a malfunction occurs during operation and the red LED
(ERR) flashes, there is a line fault. The output current of the
measuring transducer is between 2 … 3.6 mA or is higher
than 21.0 mA (in the case of faults in the sensor circuit) or is
0 mA (in the case of a line break in the output circuit).
Check all signal lines. The device will automatically switch
back to normal operation after the fault has been eliminated.
If a fault occurs during operation and the red LED (ERR) is
permanently on, the device has switched to the “safe state”
(output current is less than 2 mA).
Restart the device in order to return it to normal operation.
If no PC/laptop has been connected, you can also inter-
rupt the power supply.
Or you can carry out a warm start with the help of the
configuration software (Service > Reset).
The measuring transducer should then return to normal op-
eration. If it does not, the measuring transducer must be re-
placed.
NOTE: Installation, operation, and maintenance
may only be carried out by qualified specialist per-
sonnel.
WARNING: If Functional Safety is activated by a
reconfiguration or changes are made to the active
Functional Safety configuration, the rules under
“Installation and startup” must be observed.
WARNING: Limitations on safety-related ap-
plications
Only 4 ... 20 mA, limited programming of output
current in the event of line faults
(2 mA ≤ I
Out ≤ 3.6 mA or IOut ≥ 21 mA)
WARNING: Once new configuration data has
been written, the device performs a warm start
that changes the properties of the device. The fol-
lowing control device must be adapted to these
modifications.
WARNING: The device must be write-protected
to prevent improper use. Write protection is cre-
ated by assigning a password.
Designation
MNR No.
PACKB.MACX MCR-T-UI-UP...
9055145
PACKB.MACX MCR-EX-T-UI-UP...
9055147
PACKB.MACX MCR-T-UIREL-UP...
9055146
PACKB.MACX MCR-EX-T-UIREL-UP...
9055148


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com