Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 40 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 40 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 33Page - PHOENIX CONTACT 104595 Datasheet HTML 34Page - PHOENIX CONTACT 104595 Datasheet HTML 35Page - PHOENIX CONTACT 104595 Datasheet HTML 36Page - PHOENIX CONTACT 104595 Datasheet HTML 37Page - PHOENIX CONTACT 104595 Datasheet HTML 38Page - PHOENIX CONTACT 104595 Datasheet HTML 39Page - PHOENIX CONTACT 104595 Datasheet HTML 40Page - PHOENIX CONTACT 104595 Datasheet HTML 41Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 40 / 41 page
background image
Appendix - Safety-related applications (SIL 2)
en Version 04
PHOENIX CONTACT
A-6
A1.6
Recurring checks (SIL 2)
The function of the entire safety loop must be checked reg-
ularly according to EN 61508 and EN 61511. The intervals
for checking are specified by the intervals of each individual
device within the safety loop.
It is the operator's responsibility to select the type of checks
and the checking intervals in the specified time period.
The measuring transducers must be checked at least every
7 years (maximum proof test interval).
Checking must be carried out in such a way that the correct
function of the safety equipment in conjunction with all com-
ponents can be verified.
Possible procedure for recurring checks for discover-
ing dangerous and undetected device failures.
A calibrated sensor simulator (RTD/TC) and a calibrated
digital multimeter are necessary for checking the measuring
transducer.
Connect the sensor simulator to the input of the mea-
suring transducer using the appropriate connection
method.
Connect the digital multimeter to the output in current
measuring mode (20 mA range).
The measuring range limits and intermediate values are
specified with the sensor simulator.
The corresponding output values of the measuring trans-
ducer must be checked on the digital multimeter.
Line faults (break and short circuit) are to be simulated on
the input terminals; the configured residual currents are to
be determined on the output.
If the function test result is negative, the measuring trans-
ducer must be taken out of operation and the process put
into a safe state by other measures.
A1.7
Repair
The devices have a long service life, are protected against
malfunctions, and are maintenance-free. However, if a de-
vice should fail, send it back to Phoenix Contact immedi-
ately. The type of malfunction and possible cause must also
be stated.
Please use the original packaging or other suitable safe
packaging when sending devices back for repairs or recali-
bration.
Phoenix Contact GmbH & Co KG
Abteilung Service und Reparatur
Flachsmarktstr. 8
D-32825 Blomberg
GERMANY
A1.8
Standards (SIL 2)
The measuring transducers are developed and tested ac-
cording to the following standards:
EN 61508:
2001
Functional safety of electrical/electronic/
programmable electronic safety-related
systems
EN 61326-1:
2006
Electrical equipment for measurement,
control and laboratory use – EMC re-
quirements
IEC 61326-3-2:
2006
Electrical equipment for measurement,
control and laboratory use – EMC re-
quirements – Part 3-2: Immunity require-
ments for safety-related systems and for
equipment intended to perform safety-
related functions (functional safety) – In-
dustrial applications with specified elec-
tromagnetic environment


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com