Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 7 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 7 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 3Page - PHOENIX CONTACT 104595 Datasheet HTML 4Page - PHOENIX CONTACT 104595 Datasheet HTML 5Page - PHOENIX CONTACT 104595 Datasheet HTML 6Page - PHOENIX CONTACT 104595 Datasheet HTML 7Page - PHOENIX CONTACT 104595 Datasheet HTML 8Page - PHOENIX CONTACT 104595 Datasheet HTML 9Page - PHOENIX CONTACT 104595 Datasheet HTML 10Page - PHOENIX CONTACT 104595 Datasheet HTML 11Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
7
4Order key
Order key for temperature transducer MACX-MCR-T-UI-UP(-SP)-C (standard configuration entered as an example)
Order No.
Safety Integrity
Level (SIL)
Sensor type
Connection
method
Cold junction
compensation
Measuring range:
Measuring
unit
Output range
Factory calibration certificate =
FCC
Start
End
2811873
/
ON
/
PT100
/
4
/
0
/
-50
/
150
/
C
/
OUT02
/
NONE
2811873

MACX MCR-
T-UI-UP-C
ON
 active
See below
2
 2-wire
0
 off, e.g. with
RTD, R,
potentiometer,
mV
See
below
See
below
C
 °C
OUT15
 0...5 mA
NONE
 without FCC
F
 °F
OUT16
 0...10 mA
NONE
 not active
O

OUT01
 0...20 mA
3
 3-wire
P
 %OUT25  1...5 mA
YES
 with FCC (a fee is
charged)
2811970

MACX MCR-
T-UI-UP-SP-C
V
 mV
OUT26
 2...10 mA
ON only with output
range = OUT02
1
 on, e.g. with TC
OUT02
 4...20 mA
4
 4-wire
OUT05
 0...5 V
OUT03
 0...10 V
YESPLUS
 Factory calibration
certificate with
5 measuring points
(a fee is charged)
OUT06
 1...5 V
OUT04
 2...10 V
OUT13
 -5...+5 V
OUT14
 -10...+10 V
others freely
configurable in the
software
Smallest measuring
range
Other setting options can be configured
with the IFS-CONF software.
- Freely configurable user characteristic with
30 interpolation points
- Output behavior in the event of a short circuit,
sensor break, or overrange/underrange is
freely configurable or can be set according to
NE43 (standard configuration: NE43 upscale)
- Filter setting (standard configuration: 1)
- Restart after failsafe
(standard configuration: ON)
- Switching behavior: Switching output
(limit values, times, etc.)
(standard configuration: OFF)
Resistance thermometers RTD
Others can be selected or are freely
configured in the software.
PT100
 Pt 100 acc. to IEC/EN 60751
-200
850
°C
20 K
PT200
 Pt 200 acc. to IEC/EN 60751
-200
850
°C
20 K
PT500
 Pt 500 acc. to IEC/EN 60751
-200
850
°C
20 K
PT1000
 Pt 1000 acc. to IEC/EN 60751
-200
850
°C
20 K
PT100S
 Pt 100 acc. to Sama RC21-4-1966
-200
850
°C
20 K
PT1000S
 Pt 1000 acc. to Sama RC21-4-1966
-200
850
°C
20 K
PT100G
 Pt 100 acc. to GOST 6651
-200
850
°C
20 K
PT1000G
 Pt 1000 acc. to GOST 6651
-200
850
°C
20 K
PT100J
 Pt 100 acc. to JIS C1604/1997
-200
850
°C
20 K
PT1000J
 Pt 1000 acc. to JIS C1604/1997
-200
850
°C
20 K
NI100
 Ni 100 acc. to DIN 43760/DIN IEC 60751
-60
250
°C
20 K
NI1000
 Ni 1000 acc, to DIN 43760/DIN IEC 60751
-60
250
°C
20 K
NI100S
 Ni 100 acc. to Sama RC21-4-1966
-60
180
°C
20 K
NI1000S
 Ni 1000 acc. to Sama RC21-4-1966
-60
180
°C
20 K
NI1000L
 Ni 1000 (Landis & Gyr)
-50
160
°C
20 K
CU10
 Cu 10 acc. to Sama RC21-4-1966
-70
500
°C
100 K
CU50
 Cu 50/Cu 100 acc. to GOST 6651 (Ü = 1.428)
-50
200
°C
100 K
CU53
 Cu 53 acc. to GOST 6651 (Ü = 1.426)
-50
180
°C
100 K
KTY81
 KTY81-110 (Philips)
-55
150
°C
20 K
KTY84
 KTY84-130 (Philips)
-40
300
°C
20 K
Thermocouples TC
Others can be selected in the software.
B
 acc. to IEC/EN 60584 (Pt30Rh-Pt6Rh)
500
1820
°C
50 K
E
 acc. to IEC/EN 60584 (NiCr-CuNi)
-230
1000
°C
50 K
J
 acc. to IEC/EN 60584 (Fe-CuNi)
-210
1200
°C
50 K
K
 acc. to IEC/EN 60584 (NiCr-Ni)
-250
1372
°C
50 K
N
 acc. to IEC/EN 60584 (NiCrSi-NiSi)
-250
1300
°C
50 K
R
 acc. to IEC/EN 60584 (Pt13Rh-Pt)
-50
1768
°C
50 K
S
 acc. to IEC/EN 60584 (Pt10Rh-Pt)
-50
1768
°C
50 K
T
 acc. to IEC/EN 60584 (Cu-CuNi )
-200
400
°C
50 K
L
 acc. to DIN 43760 (Fe-CuNi)
-200
900
°C
50 K
U
 acc. to DIN 43760 (Cu-CuNi)
-200
600
°C
50 K
CA
 C ASTM JE988 (2002)
0
2315
°C
50 K
DA
 D ASTM JE988 (2002)
0
2315
°C
50 K
A1G
 A-1 GOST 8.585-2001
0
2500
°C
50 K
A2G
 A-2 GOST 8.585-2001
0
1800
°C
50 K
A3G
 A-3 GOST 8.585-2001
0
1800
°C
50 K
MG
 M GOST 8.585-2001
-200
100
°C
50 K
LG
 L GOST 8.585-2001
-200
800
°C
50 K
Remote resistance-type sensors R
(2-, 3-, 4-wire)
Others can be selected in the software.
RES03
 Resistance 0...150
0
150
10% of the selected
measuring range
RES05
 Resistance 0...600
0
600
RES06
 Resistance 0...1200
0
1200
RES09
 Resistance 0...6250
0
6250
RES10
 Resistance 0...12500
0
12500
RES12
 Resistance 0...50000
0
50000
Potentiometers
3-wire
Others can be selected in the software.
POT03
 Potentiometer 0...150
0
100
%
10% of the selected
measuring range
POT05
 Potentiometer 0...600
0
100
%
POT06
 Potentiometer 0...1200
0
100
%
POT09
 Potentiometer 0...6250
0
100
%
POT10
 Potentiometer 0...12500
0
100
%
POT12
 Potentiometer 0...50000
0
100
%
Voltage signals mV
Others can be selected in the software.
V04
 Voltage (mV)
-1000
+1000
mV
10% of nominal
span
9
T [°F] = – T [°C] + 32
5
Temperature conversion guide for °C to °F:


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com