Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 8 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 8 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 4Page - PHOENIX CONTACT 104595 Datasheet HTML 5Page - PHOENIX CONTACT 104595 Datasheet HTML 6Page - PHOENIX CONTACT 104595 Datasheet HTML 7Page - PHOENIX CONTACT 104595 Datasheet HTML 8Page - PHOENIX CONTACT 104595 Datasheet HTML 9Page - PHOENIX CONTACT 104595 Datasheet HTML 10Page - PHOENIX CONTACT 104595 Datasheet HTML 11Page - PHOENIX CONTACT 104595 Datasheet HTML 12Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
8
5
Technical data
Input
Resistance thermometer
Pt, Ni, Cu sensors: 2-, 3-, 4-wire
Thermocouple sensor
B, E, J, K, N, R, S, T, L, U, CA, DA, A1G, A2G, A3G, MG, LG
(see example, “Order key” on page 7)
Resistor
0 Ω ... 50 kΩ
Potentiometer
0 Ω ... 50 kΩ
Voltage
-1000 mV ... 1000 mV
Output
Output signal
4 mA ... 20 mA with SIL ON
(further output signals can be configured with SIL OFF)
Maximum output signal
Voltage output
Current output
±11 V
22 mA
Load
Voltage output
Current output
≥ 10 kΩ
≤ 600 Ω (at 20 mA)
Behavior in the event of a sensor error
According to NE 43 (or freely definable)
Switching output
Contact type
1 PDT contact
Contact material
AgSnO2, hard gold-plated
Maximum switching voltage
30 V AC (30 V DC)
Maximum switching current
0.5 A (30 V AC) / 1 A (30 V DC)
Cycles
With ohmic load
1 x 10
5
General data
Supply voltage range
24 V ... 230 V AC/DC (-20%/+10%, 50/60 Hz)
Current consumption
< 50 mA (24 V DC)
Power consumption
< 1.5 W
Temperature coefficient
0.01 %/K, maximum
Step response (0 ... 99 %)
With SIL
Without SIL
Typ. 1000 ms
Typ. 700 ms
Transmission error, total
< 0.1% (e.g., for PT100, 300 K span, 4 ... 20 mA)
Electrical isolation
Input/output
Input/power supply
Input/switching output
Output/power supply
Power supply/switching output
4-way, between input/output/power supply/switching output
375 V P (according to EN 60079-11)
375 V P (according to EN 60079-11)
375 V P (according to EN 60079-11)
300 V rms reinforced insulation (according to EN 61010/50178)
300 V rms reinforced insulation (according to EN 61010/50178)
Ambient temperature
Operation
Storage/transport
-20 °C ... +65°C
-40 °C ... +85°C
Permissible humidity (operation)
5% ... 95% (no condensation)
Shock
15g, IEC 60068-2-27
Vibration
5g, IEC 60068-2-6
Status indicators
Green LED (supply voltage, PWR)
Red LED, flashing (cable error, sensor error, ERR)
Red LED (module error, ERR)
Yellow LED (switching output)


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com