Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 9 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 9 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 5Page - PHOENIX CONTACT 104595 Datasheet HTML 6Page - PHOENIX CONTACT 104595 Datasheet HTML 7Page - PHOENIX CONTACT 104595 Datasheet HTML 8Page - PHOENIX CONTACT 104595 Datasheet HTML 9Page - PHOENIX CONTACT 104595 Datasheet HTML 10Page - PHOENIX CONTACT 104595 Datasheet HTML 11Page - PHOENIX CONTACT 104595 Datasheet HTML 12Page - PHOENIX CONTACT 104595 Datasheet HTML 13Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
9
Housing material
PA 66-FR
Color
Green
Degree of protection
IP20
Pollution degree
2
Dimensions (width x height x depth)
17.5 x 99 x 114.5 mm
Inflammability class according to UL 94
V0
Design
Terminal housing for mounting on DIN rails
General data [...]
Conformance
EMC directive 2004/108/EC
EN 61326-1; EN 61000-6-2
1
; EN 61000-6-4
Ex directive (ATEX)
EN 60079-0, EN 60079-11, EN 60079-15, EN 61241-0, EN 61241-11
1
During the interference, there can possibly be small deviations.
Safety data according to ATEX for intrinsically safe circuits
Maximum voltage (Uo)
6 V
Maximum current (Io)
7.4 mA
Maximum power (Po)
11 mW
Gas group
Ex ic IIC
Ex ic IIB
Maximum external inductance (Lo)
100 mH
10 mH
1 mH
100 mH
10 mH
1 mH
Maximum external capacity (Co)
1.3 µF
1.7 µF
2.6 µF
6.8 µF
9.2 µF
15 µF
Maximum internal inductance (Ci)
44 nF
44 nF
44 nF
44 nF
44 nF
44 nF
Maximum internal inductance (Li)
Negligible
Maximum voltage U
m
253 V AC (125 V DC)
Approvals
ATEX
X II 3 G Ex nAC ic IIC / IIB / IIA T4 X
IBExU 10 ATEX B001 X
IECEx approval
Ex nAC ic IIC T4
IECEx IBE 10.0011 X
UL, USA/Canada
Applied for
Functional safety (SIL)
Can be used up to SIL 2
Connection data MACX MCR-T-UI-UP
Conductor cross section
Solid (minimum/maximum)
Stranded (minimum/maximum)
AWG/kcmil (minimum/maximum)
0.2 mm
2
/2.5 mm
2
0.2 mm
2
/2.5 mm
2
24/14
Stripping length
7 mm
Connection method
Plug-in screw connection
Tightening torque
Minimum 0.5 Nm/maximum 0.6 Nm
Connection data MACX MCR-T-UI-UP-SP
Conductor cross section
Solid (minimum/maximum)
Stranded (minimum/maximum)
AWG/kcmil (minimum/maximum)
0.2 mm
2
/1.5 mm
2
0.2 mm
2
/1.5 mm
2
24/16
Stripping length
8 mm
Connection method
Spring-cage connection


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com