Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  104595 Datasheet HTML 1Page - PHOENIX CONTACT 104595 Datasheet HTML 2Page - PHOENIX CONTACT 104595 Datasheet HTML 3Page - PHOENIX CONTACT 104595 Datasheet HTML 4Page - PHOENIX CONTACT 104595 Datasheet HTML 5Page - PHOENIX CONTACT 104595 Datasheet HTML 6Page - PHOENIX CONTACT 104595 Datasheet HTML 7Page - PHOENIX CONTACT 104595 Datasheet HTML 8Page - PHOENIX CONTACT 104595 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
© PHOENIX CONTACT 2012-05-21
104595_en_04
MACX MCR-T-UI-UP...
Data sheet
1Description
The configurable and programmable MACX
MCR-T-UI-UP... temperature transducer is used for the op-
eration of all standard temperature sensors (RTDs and ther-
mocouples), voltage signals, remote resistance-type sen-
sors and potentiometers. The temperature input signals are
output in a linearized format at the output. In addition to an
analog current and voltage output, the module also has a
switching output. The power supply has been designed as a
wide range power supply.
The devices can be installed in zone 2 in the protection type
“n” (EN 60079-15). The sensors are then operated in an in-
trinsically safe (Ex ic) manner.
The temperature transducer can be configured with the
standard configuration (see example: “Order key” on
page 7) or order-specific according to the order key and is
delivered calibrated and ready for operation. Possible set-
tings for the modules configured according to the order
(MACX MCR...-C) can be found in the order key on page
page 7.
The set configuration is shown on the label on the side of the
housing.
Features such as sensor type, connection method, measur-
ing range, measuring unit, filter, alarm signal and output
range can be configured using the IFS-CONF software and
a device-specific DTM (Device Type Manager).
WARNING: Danger of explosion
The device is designed for use in zone 2 and has an intrinsically safe (Ex ic) measured current circuit if
the specific conditions are observed.
When installing and operating the device, the applicable safety directives (including national safety directives), ac-
cident prevention regulations, as well as general technical regulations must be observed.
WARNING: Explosion hazard
Please observe the safety regulations and installation notes on page 12.
Make sure you always use the latest documentation.
It can be downloaded at www.phoenixcontact.net/catalog.
This data sheet is valid for the products listed in Section 3 “Ordering data” .
Temperature transducers with input for temperature
sensors, voltage signals, resistance-type sensors
and potentiometers


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com