Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 12 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 12 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 8Page - PHOENIX CONTACT 104595 Datasheet HTML 9Page - PHOENIX CONTACT 104595 Datasheet HTML 10Page - PHOENIX CONTACT 104595 Datasheet HTML 11Page - PHOENIX CONTACT 104595 Datasheet HTML 12Page - PHOENIX CONTACT 104595 Datasheet HTML 13Page - PHOENIX CONTACT 104595 Datasheet HTML 14Page - PHOENIX CONTACT 104595 Datasheet HTML 15Page - PHOENIX CONTACT 104595 Datasheet HTML 16Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
12
7
Safety regulations and installation notes
7.1
Installation and operation
Follow the installation instructions.
When installing and operating the device, the applicable
safety directives (including national safety directives), acci-
dent prevention regulations, as well as general technical
regulations must be observed.
For safety data, please refer to this data sheet and the cer-
tificates (EC-type examination certificate, and other approv-
als, if necessary).
7.2
Safety regulations for installation in poten-
tially explosive areas
Regulations for intrinsically safe circuits
Installation in zone 2
Observe the specified conditions for use in potentially ex-
plosive areas.
WARNING: Sensor does not conform to the
specification
Make sure that the connected sensors are only
used in the specified area (see “Order key” on
page 7).
WARNING: Sensor wiring
Check the structure for functionally correct wiring
(see “Basic circuit diagrams” on page 14).
NOTE: Installation, operation, and maintenance
may only be carried out by qualified specialist per-
sonnel.
NOTE:
Do not open the device or making changes to it.
Do not repair the device yourself; replace it with
an equivalent device. Repairs may only be per-
formed by the manufacturer. The manufacturer is
not liable for damage resulting from violation.
NOTE: The IP20 degree of protection (IEC
60529/EN 60529) of the device is intended for
use in a clean and dry environment. Do not sub-
ject the device to mechanical and/or thermal
loads that exceed the specified limits.
NOTE: Only specified devices from Phoenix
Contact may be connected to the 12-pos. S-
PORT interface.
WARNING: Explosion hazard
The devices are approved for intrinsically safe (Ex
ic) circuits in zone 2 (gas). The technical safety
values of the intrinsically safe field devices have
to match the specifications of this package slip or
otherwise the EC-type examination certificate.
WARNING: Explosion hazard
If the device has been used in non-intrinsically
safe circuits, it must not be used again in intrinsi-
cally safe circuits. Label the device clearly as be-
ing not intrinsically safe.
WARNING: Explosion hazard
If the device has been used in non-intrinsically
safe circuits, it must not be used again in intrinsi-
cally safe circuits. Label the device clearly as be-
ing not intrinsically safe.
WARNING: Explosion hazard
The device is suitable for installation in zone 2
and has an Ex ic protection type sensor current
circuit.
WARNING: Explosion hazard
Install the device in a suitable, approved housing
with a minimum of IP54 degree of protection.
At the same time, observe IEC 60079-14/EN
60079-14 requirements.
WARNING: Explosion hazard
Disconnect the block power supply before:
Connecting or disconnecting cables of non-
intrinsically safe circuits.
WARNING: Explosion hazard
Use only category 3G modules (ATEX 94/9/EC).


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com