Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 14 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 14 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 10Page - PHOENIX CONTACT 104595 Datasheet HTML 11Page - PHOENIX CONTACT 104595 Datasheet HTML 12Page - PHOENIX CONTACT 104595 Datasheet HTML 13Page - PHOENIX CONTACT 104595 Datasheet HTML 14Page - PHOENIX CONTACT 104595 Datasheet HTML 15Page - PHOENIX CONTACT 104595 Datasheet HTML 16Page - PHOENIX CONTACT 104595 Datasheet HTML 17Page - PHOENIX CONTACT 104595 Datasheet HTML 18Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
14
8
Installation
8.1
Basic circuit diagrams
Figure 1
Sensor connection - resistance thermometers
and potentiometers
Figure 2
Sensor connection - thermocouples and mV
sources
8.2
Structure
Figure 3
Structure MACX MCR-T-UI-UP
Figure 4
Structure MACX MCR-T-UI-UP-SP
1
Plug-in COMBICON connectors
2
S-PORT (12-pos. programming interface)
3
Button S3 (UP), adjustment and reset functions
4
Button S2 (DOWN), adjustment and reset functions
5
DIP switch S1 for service mode
6
PWR LED, green, power supply
7
DAT LED, green, no function at present
8
LED ERR, red, module, cable and sensor error, under-
range or overrange, service mode
9
DO LED, yellow, status of switching output
NOTE: Electrostatic discharge!
The device contains components that can be
damaged or destroyed by electrostatic discharge.
When handling the device, observe the neces-
sary safety precautions against electrostatic dis-
charge (ESD) according to EN 61340-5-1 and EN
61340-5-2.
Take precautions against electrostatic discharge
before opening the front cover.
PLC / DCS
passive
-
+
3.3
3.2
3.3
3.1
DI
11
12
14
2.3
2.1
2.2
Zone 2
Div. 2
IN
OUT
Power
24V ...230V AC/DC
3.3
3.1
1.2
3.2
1.1
2.3
2.1
2.2
1.3
4.3
4.1
4.2
5.3
5.1
5.2
GND
I
U
OUT
OUT
NC
Sensor / Field
4.3
4.1
4.2
5.3
5.1
5.2
ϑ
ϑ
Poti
4.3
4.1
4.2
ϑ
RTD
ϑ
ϑ
RTD1
RTD2
PLC / DCS
passive
-
+
3.3
3.2
3.3
3.1
DI
11
12
14
2.3
2.1
2.2
Zone 2
Div. 2
IN
OUT
Power
24V ...230V AC/DC
3.3
3.1
1.2
3.2
1.1
2.3
2.1
2.2
1.3
4.3
4.1
4.2
5.3
5.1
5.2
GND
I
U
OUT
OUT
NC
Sensor / Field
4.3
4.1
4.2
5.3
5.1
4.3
4.1
4.2
TC
-
+
MACX MCR-CJC
TC
-
+
mV
5.2
PWR
DAT
ERR
DO
1
4.2
5.2
2.2
3.2
4.3
5.3
2.3
3.3
32825
Blomberg,
Germany
MACX
MCR
–T–UI–UP
Ord.–
No.:
2811394
Temperature
Transducer/Temperaturmessumformer
Supp
ly
Voltag
e:
In
put
Ana
lo
g–O
ut
D
ig
ita
l–O
ut
24V
...
230V
AC/DC
RTD,
TC,
mV,
Poti,
R
0
20mA
/ ±
10V
WARNING
DO
NOT
SEPARATE
WHEN
ENERGIZED
AND
INSTALLED
IN
ZONE
2
www.phoenixcontact.com
see
manual
(–20%...+10%,
50Hz/60Hz)
U
=
253V
m
U
=
253V
m
T
–20°...+65°C/
–4°...+149°F
am
b
0,5A
(30V
AC)
/ 1
A
(30V
DC)
U
=
30V
(Zone
2)
m
P
=
1,5W
N
O
U
T
IN
GN
D
14
11
12
NC
I
out
U
out
1.1
2.1
5.1
3.1
4.1
1.2
2.2
5.2
3.2
4.2
1.3
2.3
5.3
3.3
4.3
+
S-PO
RT
μc
3.1
3.2
3.3
2.1
2.2
2.3
1.1
1.2
1.3
1
2
3
5
4
7mm
0,5-0,6 Nm
5-7 lb In
MACX MCR-...
PW
R
DAT
ERR
DO
1
4.2
5.2
2.2
3.2
4.3
5.3
2.3
3.3
3.1
3.2
3.3
1.1
1.2
1.3
2.1
2.2
2.3
32825
Blomberg,
Germany
MACX
MCR–T–UI–UP-SP
Ord
.–N
o.:
281
186
0
Temperature
Transducer/Temperaturmessumformer
Supply
Voltage:
Input
Analog
–Out
Digital
–Out
24V
...
230V
AC/DC
RTD,
TC,
mV,
Poti,
R
0
20mA
/ ±
10V
WARNING
DO
NO
T
SE
PA
RA
TE
W
HE
N
EN
ER
GIZ
ED
AN
D
IN
ST
AL
LE
D
IN
ZO
NE
2
ww
w.phoenixcontact.com
see
manual
(–20%...+10%,
50Hz/60Hz)
U
=
253V
m
U
=
253V
m
T
–20°...+65°C/–4°...+149°F
amb
0,5A
(30V
AC)
/ 1
A
(30V
DC)
U
=
30V
(Zone
2)
m
P
=
1,5W
N
O
U
T
IN
GND
14
11
12
NC
I
out
U
out
1.1
2.1
5.1
3.1
4.1
1.2
2.2
5.2
3.2
4.2
1.3
2.3
5.3
3.3
4.3
+
S-P
O
R
T
μc
8mm
MACX MCR-...-SP
1
6
7
9
8


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com