Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 15 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 15 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 11Page - PHOENIX CONTACT 104595 Datasheet HTML 12Page - PHOENIX CONTACT 104595 Datasheet HTML 13Page - PHOENIX CONTACT 104595 Datasheet HTML 14Page - PHOENIX CONTACT 104595 Datasheet HTML 15Page - PHOENIX CONTACT 104595 Datasheet HTML 16Page - PHOENIX CONTACT 104595 Datasheet HTML 17Page - PHOENIX CONTACT 104595 Datasheet HTML 18Page - PHOENIX CONTACT 104595 Datasheet HTML 19Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
15
8.3
Dimensions
Figure 5
Dimensions (in mm)
8.4
Mounting
Figure 6
Mounting and removal
Mount the module on a 35 mm DIN rail according to EN
60715.
Install the module in a suitable housing to meet the re-
quirements for the protection class.
Before startup, check for correct function and wiring of
the MACX MCR-T-UI-UP..., in particular the wiring and
marking of the intrinsically safe circuits.
8.5
Connecting the cables
Screw terminal blocks (for MACX MCR-T-UI-UP); litz
wires provided with ferrules.
Permissible cable cross section: 0.2 mm
2
to 2.5 mm
2
Spring-cage terminal blocks (for
MACX MCR-T-UI-UP-SP); litz wires provided with fer-
rules.
Permissible cable cross section: 0.2 mm
2
to 1.5 mm
2
Install intrinsically safe and non-intrinsically safe cables
separately.
Screw connection:
Insert the conductor into the corresponding con-
nection terminal block.
Use a screwdriver to tighten the screw in the open-
ing above the connection terminal block.
Spring-cage connection:
Insert a screwdriver into the opening above the
connection terminal block.
Insert the conductor into the corresponding con-
nection terminal block.
8.6
Power supply
The power supply has been designed as a wide range
power supply (19.2 ... 253 V AC/DC). The module is sup-
plied with voltage via connection terminal blocks 1.1 and
1.2.
WARNING: Explosion hazard
If the module has been used in non-intrinsi-
cally safe circuits, it must not be used again in
intrinsically safe circuits.
The module must be clearly labeled as non-intrin-
sically safe.
99
17,5


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com