Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 16 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 16 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 12Page - PHOENIX CONTACT 104595 Datasheet HTML 13Page - PHOENIX CONTACT 104595 Datasheet HTML 14Page - PHOENIX CONTACT 104595 Datasheet HTML 15Page - PHOENIX CONTACT 104595 Datasheet HTML 16Page - PHOENIX CONTACT 104595 Datasheet HTML 17Page - PHOENIX CONTACT 104595 Datasheet HTML 18Page - PHOENIX CONTACT 104595 Datasheet HTML 19Page - PHOENIX CONTACT 104595 Datasheet HTML 20Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
16
8.7
Sensor types
The sensor types that can be used and their specific proper-
ties can be found in the chapter entitled “Order key” on
page 7
Depending on the connection method, the following termi-
nal points are to be connected for temperature measure-
ment (see Figure 1 on page 14):
8.7.1
Thermocouple (TC) with internal cold junction
compensation
Thermocouple connection : Terminals 4.1 “+“, 4.2 “-“
8.7.2
Thermocouple (TC) with external or without
cold junction compensation
Thermocouple connection: Terminals 5.1 “+“, 5.2 “-“
8.7.3
Voltage input
Connection: Terminals 5.1 “+“, 5.2 “-“
8.7.4
Potentiometer
Connection: Terminals 4.1, 4.2, 4.3
8.7.5
Resistance thermometer (RTD)
2-wire connection method: Terminals 4.2, 4.3
The cable resistance can be compensated with the help
of the IFS-CONF PC program, the IFS-OP-UNIT opera-
tor interface or in service mode (DIP switch).
3-wire connection method: Terminals 4.1, 4.2, 4.3
In the case of the 3-wire connection method, ensure
that all three cable resistances are the same.
4-wire connection method: Terminals 4.2, 4.3, 5.1, 5.2
2 x 2-wire connection method
Terminals RTD 1: 4.2, 4.3
Terminals RTD 2: 5.1, 5.2
8.7.6
Measuring resistances
The terminal points 4.2 and 4.3 are used for measuring dif-
fering resistances.
8.8
Current output
The current output can be freely configured between 0 and
20 mA. The minimum span is 4 mA. In safety-related appli-
cations (SIL = ON), the output is fixed at 4 ...20 mA.
Connection: Terminals 3.2 “+“, 3.3 “-“
8.9
Voltage output
The voltage output can be freely configured between -10
and +10 V. The minimum span is 2 V.
Connection: Terminals 3.1 “+“, 3.3 “-“
Use the MACX MCR-CJC cold junction compen-
sation connector provided (Order No. 2924993).
TC+CJ: Use the cold junction compensation con-
nector provided at connection terminal blocks
4.1, 4.2 and 4.3.
TC+CJ external: Use the external cold junction
sensor (e.g. PT100) at connection terminal
blocks 4.2 and 4.3.
RL ≤ 25 Ω for each lead.
Up to 75 Ω: RL ≤ 2.5 Ω for each lead.
Up to 150 Ω: RL ≤ 5 Ω for each lead.
Up to 300 Ω: RL ≤ 10 Ω for each lead.
The voltage output cannot be used for safety-re-
lated applications (SIL = ON).


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com