Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 21 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 21 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 17Page - PHOENIX CONTACT 104595 Datasheet HTML 18Page - PHOENIX CONTACT 104595 Datasheet HTML 19Page - PHOENIX CONTACT 104595 Datasheet HTML 20Page - PHOENIX CONTACT 104595 Datasheet HTML 21Page - PHOENIX CONTACT 104595 Datasheet HTML 22Page - PHOENIX CONTACT 104595 Datasheet HTML 23Page - PHOENIX CONTACT 104595 Datasheet HTML 24Page - PHOENIX CONTACT 104595 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
21
8.12
Monitoring function
The temperature transducer is equipped with monitoring
functions for the input and output range.
Input monitoring function
The input monitoring function for line break and short circuit
refers to the sensor connected to the input. When an error is
detected, the output signal is set to the configured error
value. In the case of RTD sensors and resistance-type sen-
sors, short-circuit failures are detected resistance values
<1 Ω.
Short circuits of thermocouples and mV sources cannot be
detected, since 0 V can be a valid signal.
On RTD sensors, resistance-type sensors and potentiome-
ters, a line break is detected when the current flow through
the sensor is faulty.
As soon as the fault has been eliminated, the temperature
transducer continues to perform its normal functions. (see
“LED status indicators” on page 23, Line faults)
Output monitoring function
The current output can be monitored for line breaks and
maximum load. This is activated via the configuration. In
safety-related applications (SIL = ON), the output monitor-
ing is always active. The voltage output is not monitored. As
soon as the fault has been eliminated, the temperature
transducer continues to perform its normal functions. (see
“LED status indicators” on page 23, Line faults)
8.13
Operating modes
8.13.1 SIL ON/SIL OFF
The temperature transducer can either be operated in SIL
ON or SIL OFF. The standard configuration is SIL ON with
DIP switch S1 set to the OFF position. With the order config-
uration, customer-specific configurations can be selected in
the order key (see “Order key” on page 7).
8.13.2 Service mode
Service mode can be selected at any time via the
IFS-OP-UNIT operator interface and the configuration soft-
ware, e.g., IFS-CONF or via DIP switch S1.
If settings are changed during service mode and service
mode is then exited, the temperature transducer performs a
warm start in order to apply the newly set values. If no
changes are made, the transducer starts up in normal mea-
suring mode without a warm start. The switching output
switches according to its configuration.
In service mode, it is also possible to simulate the output sig-
nal independently of the input signal (force). In this case, in
safety-related applications the safety function of the device
is deactivated and the initial value for the analog output sig-
nal is 2 mA, which allows subsequent devices to detect the
deviation from normal operation as a result of the measured
value being underrange.
During service mode, the switching output is deactivated
and remains in its idle position.
9Configuration
Figure 7
Position of the DIP switch and button
If the configuration is modified using the
IFS-OP-UNIT operator interface and PC-based
software (e.g., IFS-CONF) or via DIP switch, the
changes made must always be checked again
and released before transfer to the temperature
transducer.
After the transfer, the new data in the temperature
transducer is applied by means of activation and
a warm start.
WARNING: Explosion hazard
When configuring in zone 2, the PC used must be
approved for use in zone 2.
When a DIP switch from S1-2 ... S1-8 (ON) is
switched on, the device is switched to service
mode. The red ERR LED flashes (1.2 Hz) and a
diagnostic I/O fault is displayed in the start
screen.
PW
R
DAT
ER
R
DO
1
4.2
5.2
2.2
3.2
4.3
5.3
2.3
3.3
y
CR
–T–
UI–
UP
d.–
No.:
281139
4
pe
rat
ure
T
ra
nsdu
ce
r/T
em
pe
ratu
rm
essum
fo
rm
er
ply
V
oltag
e:
Inpu
t
An
alo
g–
O
ut
D
igita
l–O
ut
24
V
...
23
0V
A
C/D
C
RT
D,
T
C,
m
V,
Po
ti,
R
0
20
m
A
/ ±
10
V
WA
RNIN
G
DO
N
OT
SE
PA
RATE
WHEN
ENE
RG
IZE
D
AN
D
IN
STALLE
D
IN
Z
ONE
2
www.
phoen
ixcontact
.com
see
manua
l
(–20%
...+
10%,
50
Hz/
60
Hz
)
U
=
253
V
m
U
=
253
V
m
T–
20°
...+
65°C
/–4
°...+
14
F
am
b
0,5
A
(30
V
A
C)
/
1A
(30
V
DC)
U
=
30
V
(Z
one
2)
m
P
=
1,5
W
N
O
U
T
IN
GN
D
14
11
12
NC
I
out
U
out
1.1
2.1
5.1
3.1
4.
1
1.2
2.2
5.2
3.2
4.
2
1.3
2.3
5.3
3.3
4.
3
+
S-P
OR
T
μc
3.1
3.2
3
S3
S1
S2


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com