Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 22 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 22 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 18Page - PHOENIX CONTACT 104595 Datasheet HTML 19Page - PHOENIX CONTACT 104595 Datasheet HTML 20Page - PHOENIX CONTACT 104595 Datasheet HTML 21Page - PHOENIX CONTACT 104595 Datasheet HTML 22Page - PHOENIX CONTACT 104595 Datasheet HTML 23Page - PHOENIX CONTACT 104595 Datasheet HTML 24Page - PHOENIX CONTACT 104595 Datasheet HTML 25Page - PHOENIX CONTACT 104595 Datasheet HTML 26Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
22
9.1
Delivered state/standard configuration
9.2
Zero adjust, adjustment via buttons S2
and S3 (only possible with SIL OFF)
Set the adjustment by setting DIP switch S1-2 to ON.
Observe the analog output and set it with button S2 (de-
scending value) or S3 (ascending value)
or
press the buttons S2 and S3 simultaneously time for >
3 seconds to reset the cable compensation.
Save the set value by setting DIP switch S1-2 back to
OFF.
9.3
Span adjust, adjustment via buttons 2 and
4 (only possible with SIL OFF)
Set the adjustment by setting DIP switch S1-3 to ON.
Observe the analog output and set it with button S2 (de-
scending value) or S3 (ascending value)
or
press the buttons S2 and S3 simultaneously time for >
3 seconds to reset the cable compensation.
Save the set value by setting DIP switch S1-3 back to
OFF.
Pressing buttons S2 and S3 simultaneously for > 3 sec-
onds resets the adjustment.
9.4
Force output
Set the adjustment by setting DIP switch S1-4 to ON.
Observe the analog output and set with the S2 (de-
scending value) or S3 (ascending value) button.
The specification/simulation is reset and ended by set-
ting DIP switch S1-4 back to OFF.
9.5
Cable compensation, 2-wire RTD or RTD 1
with 2 x RTD
Set the cable compensation RTD 1 via DIP switches
S1-1 to OFF and
S1-5 to ON.
Short circuit the sensor.
Apply the current measured value as the cable resis-
tance by pressing the S2 button.
Save the set value by setting DIP switch S1-5 back to
OFF.
Pressing buttons S2 and S3 simultaneously for > 3 seconds
resets the cable compensation.
Switch position DIP-S1
12345
678
OFFOFF
OFFOFF
OFFOFF
OFF
OFF
Switch position DIP-S1
123
4567
8
OFF
ON
OFF
OFF
OFF
OFF
OFF
OFF
Switch position DIP-S1
123
4567
8
OFF
OFF
ON
OFF
OFF
OFF
OFF
OFF
When SIL is activated, the analog output starts at
2 mA and the switching output is deactivated.
Switch position DIP-S1
12
3456
78
OFF
OFF
OFF
ON
OFF
OFF
OFF
OFF
Switch position DIP-S1
12
3456
78
OFF
OFF
OFF
OFF
ON
OFF
OFF
OFF


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
   Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
   Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
   Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
   Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
   Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
   MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
   Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
   MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
   MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
   Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
   Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
   MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
   Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
   MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com