Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 23 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 23 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 19Page - PHOENIX CONTACT 104595 Datasheet HTML 20Page - PHOENIX CONTACT 104595 Datasheet HTML 21Page - PHOENIX CONTACT 104595 Datasheet HTML 22Page - PHOENIX CONTACT 104595 Datasheet HTML 23Page - PHOENIX CONTACT 104595 Datasheet HTML 24Page - PHOENIX CONTACT 104595 Datasheet HTML 25Page - PHOENIX CONTACT 104595 Datasheet HTML 26Page - PHOENIX CONTACT 104595 Datasheet HTML 27Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
23
9.6
Cable compensation RTD 2 with 2 x RTD or
TC with external cold junction compensa-
tion (TC + CJ external)
Set the cable compensation RTD 2 via DIP switches
S1-1 to ON and
S1-5 to ON.
Short circuit the sensor.
Apply the current measured value as the cable resis-
tance by pressing the S2 button.
Save the set value by setting DIP switches S1-1 and S1-
5 back to OFF.
Pressing buttons S2 and S3 simultaneously for > 3 seconds
resets the cable compensation.
9.7
Automatic potentiometer adjustment
(teach-in)
Set the teach-in by setting DIP switch S1-6 to ON.
Set potentiometer to start of range.
Press the S2 button.
Set potentiometer to end of range.
Press the S3 button.
Save the new measuring range by setting
DIP switch S1-6 back to OFF.
Pressing buttons S2 and S3 simultaneously for > 3 seconds
resets both values.
9.8
Manual acknowledgement of switching
outputs (latch function)
Set manual acknowledgment by setting DIP switch S1-
7 to ON.
Press buttons S2 and S3 simultaneously for > 3 sec-
onds.
Reset DIP switch S1-7 to OFF.
9.9
LED status indicators
Figure 8
LED status indicators
Switch position DIP-S1
123
4567
8
ON
OFF
OFF
OFF
ON
OFF
OFF
OFF
Switch position DIP-S1
123
4567
8
OFFOFF
OFFOFF
OFF
ON
OFF
OFF
Switch position DIP-S1
123
4567
8
OFFOFF
OFFOFF
OFF
OFF
ON
OFF
No. LED
Color
Description
6
PWR
Green
Supply voltage
ON
Indicates the readiness for opera-
tion of the temperature trans-
ducer if supply voltage is avail-
able.
The temperature transducer is
configured without device supply
via programming adapter IFS-
USB-PROG-ADAPTER.
7
DAT
Green
No function at present
8
ERR
Red
Error
ON
Module error
Flashing
(1.2 Hz)
Service mode active
Flashing
(2.4 Hz)
Line fault
9
DO
Yellow
Switching output 1
ON
Switching output active
PW
R
DA
T
ERR
DO
1
4.2
5.2
2.2
3.2
4.3
5.3
2.3
3.3
32825
Blomberg,
Germany
MA
CX
MC
R–T–
UI–
UP
Ord
.–N
o.:
281139
4
Temperature
T
ransducer
/T
emperaturmessumform
er
Sup
ply
V
oltage
:
Inpu
t
An
alog
–O
ut
D
igita
l–O
ut
24V
...
230
V
A
C/DC
RT
D,
T
C,
m
V,
Pot
i,
R
0
20m
A
/ ±
10
V
WA
RNIN
G
DO
N
OT
SE
PA
RATE
WHEN
ENE
RG
IZE
D
AN
D
IN
STALLE
D
IN
Z
ONE
2
www.
phoen
ixcontact
.com
see
m
anua
l
(–20%
...+
10%
, 50
Hz/
60
Hz
)
U
=
253
V
m
U
=
253
V
m
T–
20°
...+
65°C
/–4
°...+
14
F
amb
0,5
A
(30
V
A
C)
/
1A
(30
V
DC)
U
=
30
V
(Z
one
2)
m
P
=
1,5
W
N
OU
T
IN
GN
D
14
11
12
NC
I
out
U
out
1.1
2.1
5.1
3.1
4.
1
1.2
2.2
5.2
3.2
4.
2
1.3
2.3
5.3
3.3
4.
3
+
S-P
O
R
T
μc
3.1
3.2
3.3
2.1
2.2
2.3
1.1
1.2
1.3
6
7
9
8


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com