Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 24 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 24 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 20Page - PHOENIX CONTACT 104595 Datasheet HTML 21Page - PHOENIX CONTACT 104595 Datasheet HTML 22Page - PHOENIX CONTACT 104595 Datasheet HTML 23Page - PHOENIX CONTACT 104595 Datasheet HTML 24Page - PHOENIX CONTACT 104595 Datasheet HTML 25Page - PHOENIX CONTACT 104595 Datasheet HTML 26Page - PHOENIX CONTACT 104595 Datasheet HTML 27Page - PHOENIX CONTACT 104595 Datasheet HTML 28Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
24
10
Password
The device is protected by means of a four-digit password
set in the factory in order to prevent impermissible changes
to the configuration.
Default setting: 1111
If, however, only data from the device is to be displayed or
the device is to be used in non-safety-related applications,
the password can be deactivated.
Setting: 0000
The device can be accessed either via the IFS-OP-UNIT
(Order No. 2811899) or via a service PC with connected
programming adapter IFS-USB-PROG-ADAPTER (Order
No.: 2811271) and the IFS-CONF configuration software.
11
Flow chart, operator interface
Configuration with the IFS-OP-UNIT
If you wish to use the MACX MCR-T-UI-UP in combination
with the IFS-OP-UNIT and with the IFS-OP-CRADLE, the
various operating functions that can be selected are shown
in the display.
Example: Display of SIL ON
Example: Display of SIL OFF
For safety-related applications, the password set
in the factory must always be changed.
If the password is lost, it is not possible to reset it.
In this case, please contact Phoenix Contact.
Further information on configuration with the
IFS-OP-UNIT or the IFS-CONF configuration
software can be found in the relevant user manu-
al.
WARNING: If Functional Safety is activated by a
reconfiguration or changes are made to the active
Functional Safety configuration, the rules under
Installation and startup must be observed.
WARNING: Limitations on safety-related ap-
plications
Only 4 ... 20 mA, limited programming of output
current in the event of line faults
(2 mA ≤ I
Out ≤ 3.6 mA or IOut ≥ 21 mA)
WARNING: Once new configuration data has
been written, the device performs a warm start
that changes the properties of the device. The fol-
lowing control device must be adapted to these
modifications.
NOTE: Transfer and activate the configuration af-
ter the password has been changed.
When active, the SIL functionality is displayed in
the start screen.
For safety reasons, the SIL function cannot be
switched on again via the IFS-OP-UNIT operator
interface.
SIL can be switched off/deactivated via the SIL
OFF menu item.
To reactivate/switch on the SIL functionality, PC-
based configuration software, e.g., IFS-CONF is
required.
If no input is entered for five minutes during con-
figuration, the configuration is ended and any un-
saved data will be lost.
INPUT 1
SIL
OK
INPUT 1
OK


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com