Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

104595 Datasheet(PDF) 28 Page - PHOENIX CONTACT

Part # 104595
Description  MACX MCR-T-UI-UP
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

104595 Datasheet(HTML) 28 Page - PHOENIX CONTACT

Back Button 104595 Datasheet HTML 24Page - PHOENIX CONTACT 104595 Datasheet HTML 25Page - PHOENIX CONTACT 104595 Datasheet HTML 26Page - PHOENIX CONTACT 104595 Datasheet HTML 27Page - PHOENIX CONTACT 104595 Datasheet HTML 28Page - PHOENIX CONTACT 104595 Datasheet HTML 29Page - PHOENIX CONTACT 104595 Datasheet HTML 30Page - PHOENIX CONTACT 104595 Datasheet HTML 31Page - PHOENIX CONTACT 104595 Datasheet HTML 32Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
MACX MCR-T-UI-UP...
104595_en_04
PHOENIX CONTACT
28
11.7
Key for input
11.7.1 Key for input configuration (analog input)
Configuration selection, input configuration
Access to the menu items for the configuration of the input
(see “Key for input configuration (analog input)” on page 28)
Input
Setting for the dependent parameters of the input mode, sensor type, start and end of range, associated
inputs, switching behavior, switching points
Cold junction compensation with TC + CJ and TC + CJ ext. (on, off)
Correction of the cold junction value with CJ = On,
specification of the cold junction value with CJ = Off (-20 ... 65 K).
Setting for the temperature unit (°C, °F)
Setting for the filter factor (1 ... 10)
Setting for the cable resistance for RTD 2-wire connection method, channel 1 (0 ... 50 Ω).
Setting for the cable resistance for RTD 2-wire connection method, channel 2 (0 ... 50 Ω).
Input Conf
CJ on/off
CJ Value
Temp-Unit
Filter
2W-Comp.C1
2W-Comp.C2
Input Conf
Diff REnd
RStart IN1
Con. IN AO
Con. IN SW1
Mode SW1
SPL SW1
SPH SW1
REnd IN2
Difference
Sensortype
CJ Sensor
Diff RStart
REnd IN1
RStart IN2
RTD Base
CJ RTDBase
Varialble RTD
Base
Varialble RTD
Base
Difference
ESC
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
OK
Y
Y
Y
N
N
N
Input Configuration
Mode= 2x RTD2
Mode= TC + CJ extern
Input Conf
Input Conf
ESC
OK


Similar Part No. - 104595

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
10459 ETC2-10459 Datasheet
1Mb / 14P
Avago Aveon20mm range
10459 ETC-10459 Datasheet
95Kb / 1P
Heyco짰 Nylon PCB Supports - Metric Spacing
logo
Heyco.
10459 HEYCO-10459 Datasheet
118Kb / 1P
Nylon PCB Supports - Metric Spacing
logo
PHOENIX CONTACT
1045923 PHOENIX-1045923 Datasheet
463Kb / 21P
Distribution block - PTFIX 2X1,5 GY
May 13, 2022
1045925 PHOENIX-1045925 Datasheet
464Kb / 21P
Distribution block - PTFIX 2X1,5 BU
Jun 2, 2022
More results

Similar Description - 104595

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
104601 PHOENIX-104601 Datasheet
785Kb / 40P
MACX MCR-EX-T-UI-UP
2811297 PHOENIX-2811297 Datasheet
347Kb / 14P
Signal conditioner - MACX MCR-UI-UI-UP-NC
02/04/2022
2811446 PHOENIX-2811446 Datasheet
287Kb / 14P
Signal conditioner - MACX MCR-UI-UI-NC
02/04/2022
104602 PHOENIX-104602 Datasheet
624Kb / 44P
MACX MCR-EX-T-UIREL-UP
103753 PHOENIX-103753 Datasheet
459Kb / 18P
MACX MCR-EX-SL-2NAM-T(-SP)
2814126 PHOENIX-2814126 Datasheet
90Kb / 4P
Temperature measuring transducer - MCR-T-UI-E-NC
2865489 PHOENIX-2865489 Datasheet
196Kb / 16P
Isolation amplifier - MACX MCR-EX-SL-2NAM-T
09/12/2020
2814605 PHOENIX-2814605 Datasheet
194Kb / 7P
MCR-F-UI-DC
2924281 PHOENIX-2924281 Datasheet
80Kb / 6P
Isolation amplifier - MACX MCR-SL-2NAM-T-SP
103561 PHOENIX-103561 Datasheet
408Kb / 15P
MACX MCR-EX-SL-RPSSI-I-UP(-SP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com