Electronic Components Datasheet Search |
|
RTL8201F-VB-CG Datasheet(PDF) 5 Page - Realtek Semiconductor Corp. |
|
|
RTL8201F-VB-CG Datasheet(HTML) 5 Page - Realtek Semiconductor Corp. |
5 / 66 page RTL8201F/RTL8201FL/RTL8201FN Datasheet Single-Chip/Port 10/100M Ethernet PHYceiver with Auto MDIX v Track ID: JATR-2265-11 Rev. 1.4 7.22.2. EEEPS1R (PCS Status 1 Register, MMD Device 3, Address 0x01) ................................................................26 7.22.3. EEECR (EEE Capability Register, MMD Device 3; Address 0x14)................................................................26 7.22.4. EEEWER (EEE Wake Error Register, MMD Device 3; Address 0x16) ..........................................................26 7.22.5. EEEAR (EEE Advertisement Register, MMD Device 7; Address 0x3c) ..........................................................27 7.22.6. EEELPAR (EEE Link Partner Ability Register, MMD Device 7; Address 0x3d) ............................................27 8. FUNCTIONAL DESCRIPTION.....................................................................................................................................28 8.1. MII AND MANAGEMENT INTERFACE..........................................................................................................................29 8.1.1. Data Transition ....................................................................................................................................................29 8.1.2. Serial Management Interface ...............................................................................................................................29 8.2. INTERRUPT .................................................................................................................................................................31 8.3. AUTO-NEGOTIATION AND PARALLEL DETECTION .....................................................................................................31 8.3.1. Setting the Medium Type and Interface Mode to MAC.........................................................................................31 8.4. LED FUNCTIONS........................................................................................................................................................32 8.4.1. LED and PHY Address .........................................................................................................................................32 8.4.2. Link Monitor.........................................................................................................................................................32 8.4.3. RX LED ................................................................................................................................................................33 8.4.4. TX LED.................................................................................................................................................................33 8.4.5. TX/RX LED...........................................................................................................................................................34 8.4.6. LINK/ACT LED ....................................................................................................................................................34 8.4.7. Customized LED...................................................................................................................................................35 8.4.8. EEE LED Behavior...............................................................................................................................................36 8.5. POWER DOWN AND LINK DOWN POWER SAVING MODES..........................................................................................36 8.6. 10M/100M TRANSMIT AND RECEIVE.........................................................................................................................37 8.6.1. 100Base-TX Transmit and Receive Operation .....................................................................................................37 8.6.2. 100Base-FX Fiber Transmit and Receive Operation ...........................................................................................37 8.6.3. 10Base-T Transmit and Receive Operation..........................................................................................................37 8.7. RESET AND TRANSMIT BIAS.......................................................................................................................................38 8.8. 3.3V POWER SUPPLY AND VOLTAGE CONVERSION CIRCUIT......................................................................................38 8.9. AUTOMATIC POLARITY CORRECTION ........................................................................................................................39 8.10. FAR END FAULT INDICATION .....................................................................................................................................39 8.11. WAKE-ON-LAN (WOL) ............................................................................................................................................39 8.11.1. Magic Packet and Wake-Up Frame Format....................................................................................................39 8.11.2. Active Low Wake-On-LAN...............................................................................................................................40 8.11.3. Pulse Low Wake-On-LAN................................................................................................................................41 8.11.4. Wake-On-LAN Pin Types (MII Mode) .............................................................................................................42 8.11.5. Wake-On-LAN Pin Types (RMII Mode)...........................................................................................................42 8.12. ENERGY EFFICIENT ETHERNET (EEE)........................................................................................................................43 8.13. SPREAD SPECTRUM CLOCK (SSC) .............................................................................................................................43 9. CHARACTERISTICS......................................................................................................................................................44 9.1. DC CHARACTERISTICS...............................................................................................................................................44 9.1.1. Absolute Maximum Ratings ..................................................................................................................................44 9.1.2. Recommended Operating Conditions ...................................................................................................................44 9.1.3. Power On and PHY Reset Sequence.....................................................................................................................45 9.1.4. RMII Input Mode Power Dissipation ...................................................................................................................46 9.1.5. Input Voltage: Vcc................................................................................................................................................46 9.2. AC CHARACTERISTICS...............................................................................................................................................47 9.2.1. MII Transmission Cycle Timing ...........................................................................................................................47 9.2.2. MII Reception Cycle Timing.................................................................................................................................48 9.2.3. RMII Transmission and Reception Cycle Timing .................................................................................................49 9.2.4. MDC/MDIO Timing .............................................................................................................................................51 9.2.5. Transmission without Collision ............................................................................................................................52 9.2.6. Reception without Error .......................................................................................................................................52 9.3. CRYSTAL CHARACTERISTICS .....................................................................................................................................53 |
Similar Part No. - RTL8201F-VB-CG |
|
Similar Description - RTL8201F-VB-CG |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |