Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL1005 Datasheet(PDF) 4 Page - Analog Devices

Part # ADXL1005
Description  Low Noise, Wide Bandwidth, MEMS Accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL1005 Datasheet(HTML) 4 Page - Analog Devices

  ADXL1005 Datasheet HTML 1Page - Analog Devices ADXL1005 Datasheet HTML 2Page - Analog Devices ADXL1005 Datasheet HTML 3Page - Analog Devices ADXL1005 Datasheet HTML 4Page - Analog Devices ADXL1005 Datasheet HTML 5Page - Analog Devices ADXL1005 Datasheet HTML 6Page - Analog Devices ADXL1005 Datasheet HTML 7Page - Analog Devices ADXL1005 Datasheet HTML 8Page - Analog Devices ADXL1005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
ADXL1005
Data Sheet
Rev. 0 | Page 4 of 14
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
Acceleration
Mechanical Shock: Any Axis, Powered
or Unpowered per IEC 60068-2-27
10,000 g
Drop Test (Concrete Surface), per
AEC-Q100 Test G5
1.2 m
VDD
−0.3 V to +5.5 V
Output Short-Circuit Duration
(Any Pin to Common Ground)
Indefinite
Temperature Range (Storage)
−55°C to +150°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 3. Package Characteristics
Package Type
θJA
θJC
Device Weight
CP-32-261
48°C/W
14.1°C/W
<0.2 g
1 Thermal impedance simulated values are based on a JEDEC 2S2P thermal
test board with nine thermal vias. See JEDEC JESD51.
RECOMMENDED SOLDERING PROFILE
Figure 2 and Table 4 provide details about the recommended
soldering profile.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 2. Recommended Soldering Profile
Table 4. Recommended Soldering Profile
Profile Feature
Condition
Sn63/Pb37
Pb-Free
Average Ramp Rate (TL to TP)
3°C/sec
maximum
3°C/sec
maximum
Preheat
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
Time (TSMIN to TSMAX)(tS)
60 sec to
120 sec
60 sec to
180 sec
TSMAX to TL
Ramp-Up Rate
3°C/sec
maximum
3°C/sec
maximum
Time Maintained Above
Liquidous (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 sec to
150 sec
60 sec to
150 sec
Peak Temperature (TP)
240 + 0/−5°C
260 + 0/−5°C
Time Within 5°C of Actual Peak
Temperature (tP)
10 sec to
30 sec
20 sec to
40 sec
Ramp-Down Rate
6°C/sec
maximum
6°C/sec
maximum
Time 25°C to Peak Temperature
(t25°C)
6 min
maximum
8 min
maximum
ESD CAUTION


Similar Part No. - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL1001 AD-ADXL1001 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ AD-ADXL1001BCPZ Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL AD-ADXL1001BCPZ-RL Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL7 AD-ADXL1001BCPZ-RL7 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1002 AD-ADXL1002 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
More results

Similar Description - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
Digital MEMS Accelerometer
REV. 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
MEMS ACCELEROMETER
logo
Analog Devices
ADCMXL1021-1 AD-ADCMXL1021-1 Datasheet
776Kb / 42P
Wide Bandwidth, Low Noise, Vibration Sensor
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com