Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL1005 Datasheet(PDF) 5 Page - Analog Devices

Part # ADXL1005
Description  Low Noise, Wide Bandwidth, MEMS Accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL1005 Datasheet(HTML) 5 Page - Analog Devices

  ADXL1005 Datasheet HTML 1Page - Analog Devices ADXL1005 Datasheet HTML 2Page - Analog Devices ADXL1005 Datasheet HTML 3Page - Analog Devices ADXL1005 Datasheet HTML 4Page - Analog Devices ADXL1005 Datasheet HTML 5Page - Analog Devices ADXL1005 Datasheet HTML 6Page - Analog Devices ADXL1005 Datasheet HTML 7Page - Analog Devices ADXL1005 Datasheet HTML 8Page - Analog Devices ADXL1005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
ADXL1005
Rev. 0 | Page 5 of 14
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. NIC = NOT INTERNALLY CONNECTED.
2. DNC = DO NOT CONNECT. LEAVE THIS PIN UNCONNECTED.
3. EXPOSED PAD. THE EXPOSED PAD ON THE BOTTOM OF
THE PACKAGE MUST BE CONNECTED TO GROUND AND
IS REQUIRED FOR BOTH ELECTRICAL AND
MECHANICAL PERFORMANCE.
4. AXIS OF SENSITIVITY IS IN PLANE TO THE PACKAGE
AND HORIZONTAL AS SHOWN.
24 DNC
23 DNC
22 DNC
21 DNC
20 OR
19 DNC
18 DNC
17 DNC
1
2
3
4
5
6
7
8
NIC
NIC
NIC
NIC
NIC
NIC
NIC
NIC
ADXL1005
TOP VIEW
(Not to Scale)
+–
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 9, 31, 32
NIC
Not Internally Connected.
10, 11, 17 to 19, 21 to
26, 29
DNC
Do Not Connect. Leave this pin unconnected.
12
VDD
3.0 V to 5.25 V Supply Voltage.
13, 14, 27, 28
VSS
Supply Ground.
15
STANDBY
Standby Mode Input, Active High.
16
ST
Self Test Input, Active High.
20
OR
Overrange Output. This pin instantaneously indicates when the overrange detection circuit
identifies significant overrange activity. This pin is not latched.
30
XOUT
Analog Output Voltage.
EPAD
Exposed Pad. The exposed pad on the bottom of the package must be connected to ground and is
required for both electrical and mechanical performance.


Similar Part No. - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL1001 AD-ADXL1001 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ AD-ADXL1001BCPZ Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL AD-ADXL1001BCPZ-RL Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL7 AD-ADXL1001BCPZ-RL7 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1002 AD-ADXL1002 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
More results

Similar Description - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
Digital MEMS Accelerometer
REV. 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
MEMS ACCELEROMETER
logo
Analog Devices
ADCMXL1021-1 AD-ADCMXL1021-1 Datasheet
776Kb / 42P
Wide Bandwidth, Low Noise, Vibration Sensor
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com