Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL1005 Datasheet(PDF) 6 Page - Analog Devices

Part # ADXL1005
Description  Low Noise, Wide Bandwidth, MEMS Accelerometer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL1005 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADXL1005 Datasheet HTML 2Page - Analog Devices ADXL1005 Datasheet HTML 3Page - Analog Devices ADXL1005 Datasheet HTML 4Page - Analog Devices ADXL1005 Datasheet HTML 5Page - Analog Devices ADXL1005 Datasheet HTML 6Page - Analog Devices ADXL1005 Datasheet HTML 7Page - Analog Devices ADXL1005 Datasheet HTML 8Page - Analog Devices ADXL1005 Datasheet HTML 9Page - Analog Devices ADXL1005 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
ADXL1005
Data Sheet
Rev. 0 | Page 6 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
10
1k
10k
100k
FREQUENCY (Hz)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
100
Figure 4. Frequency Response, High Frequency (>5 kHz) Vibration Response;
a Laser Vibrometer Controller Referencing the ADXL1005 Package Used for
Accuracy
1
10
100
1000
10000
100000
0.01
0.1
1
10
FREQUENCY (Hz)
DUT 1
DUT 2
Figure 5. Noise Power Spectral Density (PSD) Below 10 Hz vs. Frequency
40
20
0
20
40
60
80
100
120
–5.0
–2.5
0
2.5
5.0
TEMPERATURE (°C)
Figure 6. Sensitivity vs. Temperature
0
5
10
15
20
25
30
40
50
35
45
19.0 19.2 19.4 19.6 19.8 20.0 20.2 20.4 20.6 20.8 21.0
SENSITIVITY DISTRIBUTION (mV/g)
Figure 7. Sensitivity Distribution at 25°C
10
100
1000
100
1k
10k
100k
FREQUENCY (Hz)
Figure 8. Noise PSD Above 100 Hz
020
40
60
80
120
100
INPUT ACCELERATION (g)
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
Figure 9. Sensitivity Nonlinearity vs. Input Acceleration


Similar Part No. - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL1001 AD-ADXL1001 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ AD-ADXL1001BCPZ Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL AD-ADXL1001BCPZ-RL Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL7 AD-ADXL1001BCPZ-RL7 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1002 AD-ADXL1002 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
More results

Similar Description - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
Digital MEMS Accelerometer
REV. 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
MEMS ACCELEROMETER
logo
Analog Devices
ADCMXL1021-1 AD-ADCMXL1021-1 Datasheet
776Kb / 42P
Wide Bandwidth, Low Noise, Vibration Sensor
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com