Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL1005 Datasheet(PDF) 12 Page - Analog Devices

Part # ADXL1005
Description  Low Noise, Wide Bandwidth, MEMS Accelerometer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL1005 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADXL1005 Datasheet HTML 6Page - Analog Devices ADXL1005 Datasheet HTML 7Page - Analog Devices ADXL1005 Datasheet HTML 8Page - Analog Devices ADXL1005 Datasheet HTML 9Page - Analog Devices ADXL1005 Datasheet HTML 10Page - Analog Devices ADXL1005 Datasheet HTML 11Page - Analog Devices ADXL1005 Datasheet HTML 12Page - Analog Devices ADXL1005 Datasheet HTML 13Page - Analog Devices ADXL1005 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADXL1005
Data Sheet
Rev. 0 | Page 12 of 14
INTERFACING ANALOG OUTPUT BEYOND 10 kHz
The ADXL1005 is a high frequency, single-axis MEMS
accelerometer that provides an output signal pass band beyond
the resonance frequency range of the sensor. Although the output
3 dB frequency response bandwidth is approximately 21 kHz
(note that this is a 3 dB response, meaning there is a gain in
sensitivity at this frequency), in some cases, it is desirable to
observe frequency beyond this range. To accommodate
frequency, the ADXL1005 output amplifier supports a 70 kHz
small signal bandwidth, which is well beyond the resonant
frequency of the sensor.
Although a mechanical interface is always important to achieve
accurate and repeatable results in MEMS applications, it is critical
when measuring greater than a few kilohertz. Typically, magnetic
and adhesive mounting are not sufficient to maintain proper
mechanical transfer of vibration through these frequencies.
Mechanical system analysis is required for these applications.
When using the ADXL1005 beyond 10 kHz, consider the
nonlinearity due to the resonance frequency of the sensor, the
additional noise due to the wideband output of the amplifier,
and the discrete frequency spurious tone due to coupling of the
internal 200 kHz clock. If any of these interferers alias in the
desired band, the aliasing cannot be removed, and observed
performance degrades. A combination of high speed sampling and
appropriate filtering is required for optimal performance.
The first consideration is the effect of the sensor resonance
frequency at 42 kHz. Approaching and above this frequency, the
output response to an input stimulus peaks, as shown in Figure 4.
When frequencies are near or above the resonance, the output
response is outside the linear response range, and the sensitivity is
different than observed at lower frequencies. In these frequency
ranges, the relative response (as opposed to absolute value) over
time is typically observed.
The ADXL1005 output amplifier small signal bandwidth is
70 kHz. The user must interface to the device with proper signal
filtering to avoid issues with out of band noise aliasing into the
desired band. The amplifier frequency response roll-off can be
modeled as a single-pole, low-pass filter, at 70 kHz. In the absence
of additional external low-pass filtering, to avoid aliasing of high
frequency noise, choose a sampling rate of at least 2× the equivalent
noise bandwidth (ENBW) for a single-pole, low-pass filter, as
follows:
ENBW = (π/2) × 70 kHz ≈ 110 kHz
The sample rate must be at least 220 kHz. This sample rate
reduces broadband noise due to the amplifier from folding back
(aliasing) in-band, but does not prevent out of band signals
from aliasing in-band. To prevent out of band responses,
additional external low-pass filtering is required.
Another artifact that must be addressed is the coupling of the
internal clock signal at 200 kHz onto the output signal. This
clock spur must be filtered by analog or digital filtering so as
not to affect the analysis of results.
To achieve the lowest rms noise and noise density for extended
bandwidth applications, it is recommended to use at least a
multiple order low-pass filter at the output of the ADXL1005 and
a digitization sample rate of at least 4× the desired bandwidth,
assuming there is sufficient filtering of the 200 kHz internal clock
signal. Use an ADC sample rate of 1 MSPS or greater along with
digital low-pass filtering to achieve similar performance.
OVERRANGE
The ADXL1005 has an output (OR pin) to signal when an
overrange event (when acceleration is greater than 2× the full-scale
range) occurs. Built in overrange detection circuitry provides an
alert to indicate a significant overrange event occurred that is
larger than approximately 2× the specified g range. When an
overrange is detected, the internal clock is disabled to the sensor
for 200 μs to maximize protection of the sensor element during an
overrange event. If a sustained overrange event is encountered, the
overrange detection circuitry triggers periodically, approximately
every 500 μs (see Figure 18).
MECHANICAL CONSIDERATIONS FOR MOUNTING
Mount the ADXL1005 on the PCB in a location close to a hard
mounting point of the PCB. Mounting the ADXL1005 at an
unsupported PCB location, as shown in Figure 24, may result
in large, apparent measurement errors due to undamped PCB
vibration. Placing the accelerometer near a hard mounting point
ensures that any PCB vibration at the accelerometer is above the
mechanical sensor resonant frequency of the accelerometer and
effectively invisible to the accelerometer. Multiple mounting
points, close to the sensor, and a thicker PCB help reduce the
effect of system resonance on the performance of the sensor.
MOUNTING POINTS
PCB
ACCELEROMETERS
Figure 24. Incorrectly Placed Accelerometers


Similar Part No. - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL1001 AD-ADXL1001 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ AD-ADXL1001BCPZ Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL AD-ADXL1001BCPZ-RL Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL7 AD-ADXL1001BCPZ-RL7 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1002 AD-ADXL1002 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
More results

Similar Description - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
Digital MEMS Accelerometer
REV. 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
MEMS ACCELEROMETER
logo
Analog Devices
ADCMXL1021-1 AD-ADCMXL1021-1 Datasheet
776Kb / 42P
Wide Bandwidth, Low Noise, Vibration Sensor
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com