Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL1005 Datasheet(PDF) 3 Page - Analog Devices

Part # ADXL1005
Description  Low Noise, Wide Bandwidth, MEMS Accelerometer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL1005 Datasheet(HTML) 3 Page - Analog Devices

  ADXL1005 Datasheet HTML 1Page - Analog Devices ADXL1005 Datasheet HTML 2Page - Analog Devices ADXL1005 Datasheet HTML 3Page - Analog Devices ADXL1005 Datasheet HTML 4Page - Analog Devices ADXL1005 Datasheet HTML 5Page - Analog Devices ADXL1005 Datasheet HTML 6Page - Analog Devices ADXL1005 Datasheet HTML 7Page - Analog Devices ADXL1005 Datasheet HTML 8Page - Analog Devices ADXL1005 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Data Sheet
ADXL1005
Rev. 0 | Page 3 of 14
SPECIFICATIONS
TA = 25°C, VDD = 5.0 V, acceleration = 0 g, unless otherwise noted. All minimum and maximum specifications are guaranteed. Typical
specifications may not be guaranteed.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
SENSOR
Measurement Range
±100
g
Linearity1
Percentage of full-scale
±0.25
%
Cross Axis Sensitivity2
Z-axis acceleration effect on x-axis
±0.7
%
Y-axis acceleration effect on x-axis
±1.5
%
SENSITIVITY (RATIOMETRIC TO VDD)
Sensitivity
DC
20
mV/g
Sensitivity Change Due to Temperature3
TA = −40°C to +125°C
±5
%
ZERO g OFFSET (RATIOMETRIC TO VDD)
0 g Output Voltage
VDD/2
V
0 g Output Range over Temperature4
−40°C to +125°C
9
g
NOISE
Noise Density
100 Hz to 20 kHz
75
μg/√Hz
100 Hz to 20 kHz, at 3.0 V supply
125
μg/√Hz
1/f Frequency Corner
0.1
Hz
FREQUENCY RESPONSE
Sensor Resonant Frequency
37.7
42
kHz
5% Bandwidth5
9
kHz
3 dB Bandwidth6
23
kHz
SELF TEST
Output Change (Ratiometric to VDD)
ST low to ST high
420
490
mV
Input Voltage Level
High, VIH
VDD × 0.7
V
Low, VIL
VDD × 0.3
V
Input Current
25
μA
OUTPUT AMPLIFIER
Short-Circuit Current
3
mA
Output Impedance
<0.1
Ω
Maximum Resistive Load
20
Maximum Capacitive Load7
No external resistor
100
pF
With external resistor
22
nF
POWER SUPPLY (VDD)
Operating Voltage Range
3.0
5.0
5.25
V
Quiescent Supply Current
1.0
1.15
mA
Standby Current
225
285
μA
Standby Recovery Time (Standby to Measure Mode)
Output settled to 1% of final value
<50
μs
Turn On Time8
<550
μs
OPERATING TEMPERATURE RANGE
−40
+125
°C
1 Linearity is tested using sine vibration at 100 Hz.
2 Cross axis sensitivity is defined as the coupling of excitation along a perpendicular axis onto the measured axis output. Guaranteed by characterization.
3 Includes package hysteresis from 25°C.
4 Difference between the maximum and the minimum values in temperature range.
5 Specified as a frequency range that is within a deviation range relative to dc sensitivity. The range is limited by an increase in response due to response gain at the
sensor resonant frequency.
6 Specified as a frequency range that is within a deviation range relative to dc sensitivity. The range is limited by an increase in response due to response gain at the
sensor resonant frequency.
7 For capacitive loads larger than 100 pF, an external series resistor must be connected (minimum 8 kΩ). The output capacitance must not exceed 22 nF.
8 Measured time difference from the instant VDD reaches half its value to the instant at which the output settles to 1% of its final value.


Similar Part No. - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL1001 AD-ADXL1001 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ AD-ADXL1001BCPZ Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL AD-ADXL1001BCPZ-RL Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1001BCPZ-RL7 AD-ADXL1001BCPZ-RL7 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
ADXL1002 AD-ADXL1002 Datasheet
752Kb / 14P
Low Noise, High Frequency MEMS Accelerometers
More results

Similar Description - ADXL1005

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL001 AD-ADXL001 Datasheet
410Kb / 10P
High Performance Wide Bandwidth Accelerometer
Rev. PrA
ADXL001 AD-ADXL001_10 Datasheet
307Kb / 16P
High Performance, Wide Bandwidth Accelerometer
REV. A
ADXL343BCCZ AD-ADXL343BCCZ Datasheet
601Kb / 36P
Digital MEMS Accelerometer
REV. 0
ADXL1003 AD-ADXL1003 Datasheet
512Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
logo
STMicroelectronics
LIS25BA STMICROELECTRONICS-LIS25BA Datasheet
1,022Kb / 32P
MEMS digital output motion sensor: low-noise, high-bandwidth 3-axis accelerometer with TDM interface
May 2019 Rev 4
logo
SignalQuest, Inc.
SQ-XLD SIGNALQUEST-SQ-XLD Datasheet
746Kb / 14P
MEMS ACCELEROMETER
logo
Analog Devices
ADCMXL1021-1 AD-ADCMXL1021-1 Datasheet
776Kb / 42P
Wide Bandwidth, Low Noise, Vibration Sensor
ADXL1004 AD-ADXL1004 Datasheet
442Kb / 14P
Low Noise, Wide Bandwidth, MEMS Accelerometer
ADXL359 AD-ADXL359 Datasheet
1Mb / 36P
Low Noise, Low Drift, Low Power 3-Axis MEMS Accelerometer
Rev. 0
ADXL358 AD-ADXL358 Datasheet
1Mb / 16P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometer
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com