Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CP Datasheet(PDF) 11 Page - Realtek Semiconductor Corp.

Part # RTL8201CP
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CP Datasheet(HTML) 11 Page - Realtek Semiconductor Corp.

Back Button RTL8201CP Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 15Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
6
Track ID: JATR-1076-21 Rev. 1.1
5.5. Device Configuration Interface
Table 5. Device Configuration Interface
Name
Type
Pin No.
Description
ISOLATE
I
43
Set high to isolate the RTL8201CP from the MAC. This will also isolate the MDC/MDIO
management interface. In this mode, the power consumption is minimum. This pin can be
directly connected to GND or VCC.
RPTR
I
40
Set high to put the RTL8201CP into repeater mode. This pin can be directly
connected to GND or VCC.
SPEED
LI
39
This pin is latched to input during a power on or reset condition. Set high to put
the RTL8201CP into 100Mbps operation. This pin can be directly connected to GND
or VCC.
DUPLEX
LI
38
This pin is latched to input during a power on or reset condition. Set high to
enable full duplex. This pin can be directly connected to GND or VCC.
ANE
LI
37
This pin is latched to input during a power on or reset condition. Set high to
enable Auto-negotiation mode, set low to force mode. This pin can be directly
connected to GND or VCC.
LDPS
I
41
Set high to put the RTL8201CP into LDPS mode. This pin can be directly connected
to GND or VCC. See 7.7 Power Down, Link Down, Power Saving, and Isolation
Modes, page 20, for more information.
MII/SNIB
LI/O
44
This pin is latched to input during a power on or reset condition. Pull high to set
the RTL8201CP into MII mode operation. Set low for SNI mode. This pin can be
directly connected to GND or VCC.
5.6. LED Interface/PHY Address Configuration
These five pins are latched into the RTL8201CP during power up reset to configure the PHY address
[0:4] used for the MII management register interface. In normal operation, after initial reset, they are used
as driving pins for status indicator LEDs. The driving polarity, active low or active high, is determined by
each latched status of the PHY address [4:0] during power-up reset. If the latched status is High, then it
will be active low. If the latched status is Low, then it will be active high. See section 7.5 LED and PHY
Address Configuration, page 19, for more information.
Table 6. LED Interface/PHY Address Configuration
Name
Type
Pin No.
Description
PHYAD0/
LED0
LI/O
9
PHY Address [0].
Link LED.
Lit when linked.
PHYAD1/
LED1
LI/O
10
PHY Address [1].
Full Duplex LED.
Lit when in Full Duplex operation.
PHYAD2/
LED2
LI/O
12
PHY Address [2].
10 ACT LED.
Blinking when transmitting or receiving data in 10Base-T mode.
PHYAD3/
LED3
LI/O
13
PHY Address [3].
ACT LED.
Blinking when transmitting or receiving data at 100Base-T or Fiber Mode.
PHYAD4/
LED4
LI/O
15
PHY Address [4].
Collision LED.
Blinks when collisions occur.


Similar Part No. - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Realtek Semiconductor C...
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com