Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8201CP Datasheet(PDF) 17 Page - Realtek Semiconductor Corp.

Part # RTL8201CP
Description  SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8201CP Datasheet(HTML) 17 Page - Realtek Semiconductor Corp.

Back Button RTL8201CP Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 15Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 16Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 17Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 18Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 19Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8201CP Datasheet HTML 21Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
RTL8201CP
Datasheet
Single-Chip/Port 10/100 Fast Ethernet PHYceiver
12
Track ID: JATR-1076-21 Rev. 1.1
6.8. Register 16 NWay Setup Register (NSR)
Table 16. Register 16 NWay Setup Register (NSR)
Address
Name
Description
Mode
Default
16:15~12
Reserved
16:11
ENNWLE
1: LED4 Pin indicates linkpulse
RW
0
16:10
Testfun
1: Auto-negotiation speeds up internal timer
RW
0
16:9
NWLPBK
1: Set NWay to loopback mode.
RW
0
16:8~3
Reserved
16:2
FLAGABD
1: Auto-negotiation experienced ability detect state
RO
0
16:1
FLAGPDF
1: Auto-negotiation experienced parallel detection fault state
RO
0
16:0
FLAGLSC
1: Auto-negotiation experienced link status check state
RO
0
6.9. Register 17 Loopback, Bypass, Receiver Error Mask
Register (LBREMR)
Table 17. Register 17 Loopback, Bypass, Receiver Error Mask Register (LBREMR)
Address
Name
Description
Mode
Default
17:15
RPTR
Set to 1 to put the RTL8201CP into repeater mode
RW
0
17:14
BP_4B5B
Assertion of this bit allows bypassing of the 4B/5B & 5B/4B
encoder.
RW
0
17:13
BP_SCR
Assertion of this bit allows bypassing of the
scrambler/descrambler.
RW
0
17:12
LDPS
Set to 1 to enable Link Down Power Saving mode
RW
0
17:11
AnalogOFF
Set to 1 to power down analog function of transmitter and
receiver.
RW
0
17:10
Reserve
Reserved.
17:9
LB
Set to 1 to enable DSP Loopback.
RW
0
17:8
F_Link_10
Used to logic force good link in 10Mbps for diagnostic purposes.
RW
1
17:7
F_Link_100
Used to logic force good link in 100Mbps for diagnostic purposes.
RW
1
17:6
JBEN
Set to 1 to enable Jabber Function in 10Base-T
RW
0
17:5
CODE_err
Assertion of this bit causes a code error detection to be reported.
RW
0
17:4
PME_err
Assertion of this bit causes a pre-mature end error detection to be
reported.
RW
0
17:3
LINK_err
Assertion of this bit causes a link error detection to be reported.
RW
0
17:2
PKT_err
Assertion of this bit causes a ‘detection of packet errors due to
722 ms time-out’ to be reported.
RW
0
17:1
FXMODE
This bit indicates whether Fiber Mode is Enabled.
RO
0
17:0
RMIIMODE
This bit indicates whether RMII mode is Enabled.
RO
0


Similar Part No. - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-LF ETC1-RTL8201CP-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD ETC1-RTL8201CP-VD Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
RTL8201CP-VD-LF ETC1-RTL8201CP-VD-LF Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
More results

Similar Description - RTL8201CP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8201BL ETC-RTL8201BL Datasheet
335Kb / 29P
REALTEK SINGLE CHIP SINGLE PORT 10/100M FAST ETHERNET PHYCEIVER RTL8201BL
RTL8201CP ETC1-RTL8201CP Datasheet
543Kb / 38P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER (With Auto Crossover)
logo
Infineon Technologies A...
ADM7001 INFINEON-ADM7001 Datasheet
5Mb / 90P
Single Ethernet 10/100M PHY
Data Sheet, Rev. 1.07, Nov. 2005
logo
Realtek Semiconductor C...
RTL8201F-VB-CG REALTEK-RTL8201F-VB-CG Datasheet
908Kb / 66P
SINGLE-CHIP/PORT 10/100M ETHERNET PHYCEIVER
RTL8201DL-GR REALTEK-RTL8201DL-GR Datasheet
580Kb / 42P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201DL-GR REALTEK-RTL8201DL-GR_07 Datasheet
616Kb / 41P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR Datasheet
620Kb / 40P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR REALTEK-RTL8201N-GR_07 Datasheet
616Kb / 39P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201N-GR_07 REALTEK-RTL8201N-GR_07_09 Datasheet
699Kb / 46P
SINGLE-CHIP/PORT 10/100 FAST ETHERNET PHYCEIVER WITH AUTO MDIX
RTL8201CL REALTEK-RTL8201CL Datasheet
597Kb / 39P
SINGLE-CHIP/SINGLE-PORT 10/100M FAST ETHERNET PHYCEIVER
Rev. 1.24 04 November 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com