Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA2030-TA5-T Datasheet(PDF) 8 Page - Hotchip Technology Co.,Ltd

Part # TDA2030-TA5-T
Description  Very low extermal component required
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTCHIP [Hotchip Technology Co.,Ltd]
Direct Link  http://www.hotchip.com.cn/English/Index/index.html
Logo HOTCHIP - Hotchip Technology Co.,Ltd

TDA2030-TA5-T Datasheet(HTML) 8 Page - Hotchip Technology Co.,Ltd

Back Button TDA2030-TA5-T Datasheet HTML 4Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 5Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 6Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 7Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 8Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 9Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 10Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 11Page - Hotchip Technology Co.,Ltd TDA2030-TA5-T Datasheet HTML 12Page - Hotchip Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
14W HI-FI AUDIO AMPLIFIER
TDA2030(B)
第 8 页 共 14 页
MULTIWAY SPEAKER SYSTEMS AND ACTIVE BOXES
Multiway loudspeaker systems provide the best possible acoustic performance since each loudspeaker is
specially designed and optimized to handle a limited range of frequencies. Commonly, these loudspeaker
systems divide the audio spectrum two or three bands.
To maintain a flat frequency response over the Hi-Fi audio range the bands covered by each loudspeaker must
overlap slightly. Imbalance between the loudspeakers produces unacceptable results therefore it is important to
ensure that each unit generates the correct amount of acoustic energy for its segments of the audio spectrum. In
this respect it is also important to know the energy distribution of the music spectrum to determine the cutoff
frequencies of the crossover filters(see Fig. 2).As an example, a 100W three-way system with crossover
frequencies of 400Hz and 3KHz would require 50W for the woofer,35W for the midrange unit and 15W for the
tweeter.
Both active and passive filters can be used for crossovers but active filters cost significantly less than a good
passive filter using air cored inductors and non-electrolytic capacitors. In addition active filters do not suffer from
the typical defects of passive filters:
Power less;
Increased impedance seen by the loudspeaker (lower damping)
Difficulty of precise design due to variable loudspeaker impedance.
Obviously, active crossovers can only be used if a power amplifier is provide for each drive unit. This makes it
particularly interesting and economically sound to use monolithic power amplifiers.
In some applications complex filters are not relay necessary and simple RC low-pass and high-pass networks
(6dB/octave) can be recommended.
The result obtained are excellent because this is the best type of audio filter and the only one free from phase
and transient distortion. The rather poor out of band attenuation of single RC filters means that the loudspeaker
must operate linearly well beyond the crossover frequency to avoid distortion. A more effective solution is shown
in Fig.3.
The proposed circuit can realize combined power amplifiers and 12dB/octave or high-pass or low-pass filters.
In proactive, at the input pins amplifier two equal and in-phase voltages are available, as required for the active
filter operations.
The impedance at the Pin(-
) is of the order of 100Ω,while that of the Pin (+) is very high, which is also what
was wanted


Similar Part No. - TDA2030-TA5-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TDA2030-TA5-T UTC-TDA2030-TA5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
TDA2030-TA5-T UTC-TDA2030-TA5-T Datasheet
213Kb / 13P
   14W HI-FI AUDIO AMPLIFIER
More results

Similar Description - TDA2030-TA5-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17065EVKIT MAXIM-MAX17065EVKIT Datasheet
410Kb / 10P
   1.2MHz PWM Switching Frequency (Selectable 600kHz, Component Change Required)
Rev 0; 10/08
logo
STMicroelectronics
STEVAL-ILL044V1 STMICROELECTRONICS-STEVAL-ILL044V1 Datasheet
192Kb / 4P
   Low component count
June 2012 Rev 1
logo
AVAGO TECHNOLOGIES LIMI...
ALM-2506 AVAGO-ALM-2506 Datasheet
128Kb / 9P
   Low component count
logo
Protek Devices
PLW28 PROTEC-PLW28 Datasheet
70Kb / 3P
   LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_11 Datasheet
440Kb / 6P
   LOW CAPACITANCE TVS COMPONENT
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1712 AVAGO-ALM-1712 Datasheet
288Kb / 17P
   Low external component count
logo
Protek Devices
PRSB6.8D PROTEC-PRSB6.8D_12 Datasheet
450Kb / 6P
   LOW CAPACITANCE TVS COMPONENT
PLW2.8 PROTEC-PLW2.8_12 Datasheet
442Kb / 6P
   LOW CAPACITANCE TVS COMPONENT
PRSB6.8D PROTEC-PRSB6.8D Datasheet
448Kb / 6P
   LOW CAPACITANCE TVS COMPONENT
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1912 AVAGO-ALM-1912 Datasheet
823Kb / 17P
   Low external component count
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com