Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8101E-GR Datasheet(PDF) 11 Page - Realtek Semiconductor Corp.

Part # RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 11 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 13Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 14Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 15Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
6
Track ID: JATR-1076-21
Rev. 1.1
5.8. Power & Ground
Table 8.
Power & Ground
Symbol
Type
Pin No
Description
VDD33
Power
16, 37, 46, 53
Digital 3.3V power supply.
VDD15
Power
15, 21, 43, 49, 58
Digital 1.5V power supply.
AVDD18
Power
5, 8
Analog 1.8V power supply.
EVDD18
Power
22, 28
Analog 1.8V power supply.
AVDD33
Power
2
Analog 3.3V power supply.
EGND
Power
25, 31
Analog Ground.
GND
Power
65
Ground.(Exposed Pad)
VCTRL15
O
63
1.5 voltage output supplies power to VDD15 power pin.
VCTRL18
O
1
1.8 voltage output supplies power to AVDD18 and EVDD18 power
pin.
Note: Refer to the most updated schematic circuit for correct configuration.
5.9. NC (Not Connected) Pins
Table 9.
NC (Not Connected) Pins
Symbol
Type
Pin No
Description
NC
9, 10, 11, 12, 13, 14, 17, 18,
32, 33, 34, 35, 38, 39, 40, 41,
42, 50, 51, 52, 59, 62
Not Connected.


Similar Part No. - RTL8101E-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
498Kb / 27P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com