Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8101E-GR Datasheet(PDF) 25 Page - Realtek Semiconductor Corp.

Part # RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 25 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR Datasheet HTML 20Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 21Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 22Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 23Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 24Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 25Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 26Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 27Page - Realtek Semiconductor Corp. RTL8101E-GR Datasheet HTML 28Page - Realtek Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
20
Track ID: JATR-1076-21
Rev. 1.1
7.7.2.
Differential Receiver Parameters
Table 18. Differential Receiver Parameters
Symbol
Parameter
Min.
Typical
Max.
Units
UI
Unit Interval
399.88
400
400.12
ps
VRX-DIFFp-p
Differential Input Peak to Peak Voltage
0.175
1.200
V
TRX-EYE
Minimum Receiver Eye Width
0.4
UI
TRX-EYE-MEDIAN-to-
MAX-JITTER
Maximum time between the jitter median and
maximum deviation from the median
0.3
UI
VRX-CM-ACp
AC Peak Common Mode Input Voltage
150
mV
RLRX-DIFF
Differential Return Loss
15
dB
RLRX-CM
Common Mode Return Loss
6
dB
ZRX-DIFF-DC
DC Differential Input Impedance
80
100
120
ZRX--DC
DC Input Impedance
40
50
60
ZRX-HIGH-IMP-DC
Powered Down DC Input Impedance
200 k
VRX-IDLE-DET-DIFFp-p Electrical Idle Detect Threshold
65
175
mV
TRX-IDLE-DET-
DIFFENTERTIME
Unexpected Electrical Idle Enter Detect Threshold
Integration Time
10
ms
LRX-SKEW
Total Skew
20
ns
Note: Refer to PCI Express Base Specification, rev.1.0a, for correct measurement environment setting of each parameter.
7.7.3.
REFCLK Parameters
Table 19. REFCLK Parameters
Symbol
Parameter
100MHz Input
Min
Max
Units
Tabsmin
Absolute min. DIF CLK Period
9.872
ns
Trise
Rise Time
175
700
ps
Tfall
Fall Time
175
700
ps
h∆ Trise
Rise Time Variation
125
ps
∆ Tfall
Fall Time Variation
125
ps
Rise/Fall Matching
20
%
Vhigh
Voltage High (typical 0.71V)
660
850
mV
Vlow
Voltage Low (typical 0.0V)
-150
mV
Vcross absolute
Absolute Crossing Point Voltages
250
550
mV
Vcross relative
Relative Crossing Point Voltages
Note2
Note2
V
Total ∆ Vcross
Total Variation of Vcross over all edges
140
mV
Tccjitter
Cycle to Cycle Jitter
125
ps
Duty Cycle
45
55
%
Vovs
Maximum Voltage (Overshoot)
Vhigh_avg + 0.3
V
Vuds
Minimum Voltage (Undershoot)
-0.3
V
Vrb
Ringback Voltage
0.2
N/A
V
Note1: Refer to PCI Express Base Specification, rev.1.0a, for correct measurement environment setting of each
parameter.
Note2: Vcross relative Min = 0.5(Vhigh_avg – 0.710) + 0.250, Vcross relative Max = 0.5(Vhigh_avg – 0.710) + 0.550.
The crossing point must meet the absolute and relative crossing point specifications simultaneously.
Note3: The nominal single-ended swing for each clock is 0 to 0.7V with a nominal frequency of 100MHz ±300 PPM.
Note4: The reference clocks may support spread spectrum clocking. The minimum clock period cannot be violated.


Similar Part No. - RTL8101E-GR

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
498Kb / 27P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR_06 Datasheet
498Kb / 27P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com