Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RTL8101E-GR Datasheet(PDF) 9 Page - Realtek Semiconductor Corp.

Part # RTL8101E-GR
Description  INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

RTL8101E-GR Datasheet(HTML) 9 Page - Realtek Semiconductor Corp.

Back Button RTL8101E-GR_06 Datasheet HTML 5Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 6Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 7Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 8Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 9Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 10Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 11Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 12Page - Realtek Semiconductor Corp. RTL8101E-GR_06 Datasheet HTML 13Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
RTL8101E-GR
Datasheet
Integrated Fast Ethernet Controller for PCI Express
4
Track ID: JATR-1076-21
Rev. 1.2
5.
Pin Descriptions
The signal type codes below are used in the following tables:
I:
Input
S/T/S:
Sustained Tri-State
O:
Output
O/D:
Open Drain
T/S:
Tri-State bi-directional input/output pin
5.1. Power Management/Isolation
Table 1.
Power Management/Isolation
Symbol
Type
Pin No
Description
LANWAKEB
O/D
19
Power Management Event: Open drain, active low.
Used to reactivate the PCI Express slot’s main power rails and reference clocks.
ISOLATEB
I
36
Isolate Pin: Active low.
Used to isolate the RTL8101E from the PCI Express bus. The RTL8101E will not
drive its PCI Express outputs (excluding LANWAKEB) and will not sample its
PCI Express input as long as the Isolate pin is asserted.
5.2. PCI Express Interface
Table 2.
PCI Express Interface
Symbol
Type
Pin No
Description
REFCLK_P
I
26
REFCLK_N
I
27
PCI Express Differential Reference Clock Source: 100MHz ± 300ppm.
HSOP
O
29
HSON
O
30
PCI Express Transmit Differential Pair.
HSIP
I
23
HSIN
I
24
PCI Express Receive Differential Pair.
PERSTB
I
20
PCI Express Reset Signal: Active low.
When the PERSTB is asserted at power-on state, the RTL8101E returns to a
pre-defined reset state and is ready for initialization and configuration after
the de-assertion of the PERSTB.
5.3. EEPROM
Table 3.
EEPROM
Symbol
Type
Pin No
Description
EESK
O
48
Serial data clock.
EEDI/AUX
O/I
47
EEDI: Output to serial data input pin of EEPROM.
AUX: Input pin to detect if Aux. Power exists or not on initial power-on.
This pin should be connected to EEPROM. To support wakeup from ACPI
D3cold or APM power-down, this pin must be pulled high to Aux. Power
via a resistor. If this pin is not pulled high to Aux. Power, the RTL8101E
assumes that no Aux. Power exists.
EEDO
I
45
Input from serial data output pin of EEPROM.
EECS
O
44
EECS: EEPROM chip select.


Similar Part No. - RTL8101E-GR_06

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
More results

Similar Description - RTL8101E-GR_06

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
RTL8100E REALTEK-RTL8100E Datasheet
532Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8101E-GR REALTEK-RTL8101E-GR Datasheet
563Kb / 28P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8102E-GR REALTEK-RTL8102E-GR Datasheet
588Kb / 41P
   INTEGRATED FAST ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
logo
Richtek Technology Corp...
RTL8111E-VB-GR RICHTEK-RTL8111E-VB-GR Datasheet
592Kb / 39P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
Rev. 1.5 22 July 2010
logo
Realtek Semiconductor C...
RTL8111D-GR REALTEK-RTL8111D-GR Datasheet
1Mb / 45P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111F-CG REALTEK-RTL8111F-CG Datasheet
595Kb / 37P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
RTL8111B-GR REALTEK-RTL8111B-GR Datasheet
539Kb / 29P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111C-GR REALTEK-RTL8111C-GR Datasheet
578Kb / 42P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS??APPLICATIONS
RTL8111B REALTEK-RTL8111B Datasheet
647Kb / 75P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS APPLICATIONS
logo
List of Unclassifed Man...
RTL8168 ETC1-RTL8168 Datasheet
9Mb / 32P
   INTEGRATED GIGABIT ETHERNET CONTROLLER FOR PCI EXPRESS TM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com